Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT1161WI-42-GT3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT1161WI-42-GT3
Description  Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT1161WI-42-GT3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT1161WI-42-GT3 Datasheet HTML 1Page - ON Semiconductor CAT1161WI-42-GT3 Datasheet HTML 2Page - ON Semiconductor CAT1161WI-42-GT3 Datasheet HTML 3Page - ON Semiconductor CAT1161WI-42-GT3 Datasheet HTML 4Page - ON Semiconductor CAT1161WI-42-GT3 Datasheet HTML 5Page - ON Semiconductor CAT1161WI-42-GT3 Datasheet HTML 6Page - ON Semiconductor CAT1161WI-42-GT3 Datasheet HTML 7Page - ON Semiconductor CAT1161WI-42-GT3 Datasheet HTML 8Page - ON Semiconductor CAT1161WI-42-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CAT1161, CAT1162
http://onsemi.com
4
Table 6. AC CHARACTERISTICS
VCC = 2.7 V to 6.0 V unless otherwise specified. Output Load is TTL Gate and 100 pF.
Symbol
Parameter
Min
Max
Min
Max
Units
FSCL
Clock Frequency
100
400
kHz
T1 (Note 1)
Noise Suppression Time Constant at SCL, SDA Inputs
200
200
ns
tAA
SCL Low to SDA Data Out and ACK Out
3.5
1
ms
tBUF (Note 1)
Time the Bus must be Free Before a New Transmission Can
Start
4.7
1.2
ms
tHD; STA
Start Condition Hold Time
4
0.6
ms
tLOW
Clock Low Period
4.7
1.2
ms
tHIGH
Clock High Period
4
0.6
ms
tSU; STA
Start Condition Setup Time (for a Repeated Start Condition)
4.7
0.6
ms
tHD; DAT
Data in Hold Time
0
0
ns
tSU; DAT
Data in Setup Time
50
50
ns
tR (Note 1)
SDA and SCL Rise Time
1
0.3
ms
tF (Note 1)
SDA and SCL Fall Time
300
300
ns
tSU; STO
Stop Condition Setup Time
4
0.6
ms
tDH
Data Out Hold Time
100
100
ns
1. This parameter is tested initially and after a design or process change that affects the parameter.
Table 7. WRITE CYCLE LIMITS
Symbol
Parameter
Min
Typ
Max
Units
tWR
Write Cycle Time
10
ms
* The write cycle time is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. During the write
cycle, the bus interface circuits are disabled, SDA is allowed to remain high, and the device does not respond to its slave address.
Table 8. RESET CIRCUIT CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Units
tGLITCH
VCC Glitch Reject Pulse Width
100
ns
VRT
Reset Threshold Hysteresis
15
mV
VOLRS
Reset Output Low Voltage (IOLRS = 1 mA)
0.4
V
VOHRS
Reset Output High Voltage
VCC − 0.75
V
VTH
Reset Threshold (VCC = 5 V), (CAT1161/2−45)
4.50
4.75
V
Reset Threshold (VCC = 5 V), (CAT1161/2−42)
4.25
4.50
Reset Threshold (VCC = 3.3 V), (CAT1161/2−30)
3.00
3.15
Reset Threshold (VCC = 3.3 V), (CAT1161/2−28)
2.85
3.00
Reset Threshold (VCC = 3 V), (CAT1161/2−25)
2.55
2.70
tPURST
Power−Up Reset Timeout
130
270
ms
tWP
Watchdog Period
1.6
s
tRPD
VTH to RESET Output Delay
5
ms
VRVALID
RESET Output Valid
1
V


Similar Part No. - CAT1161WI-42-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1161WI-42-GT3 CATALYST-CAT1161WI-42-GT3 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161WI-42-GT3 CATALYST-CAT1161WI-42-GT3 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161WI-42-GT3 ONSEMI-CAT1161WI-42-GT3 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1161WI-42-GT3 ONSEMI-CAT1161WI-42-GT3 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161WI-42-GT3 ONSEMI-CAT1161WI-42-GT3 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
More results

Similar Description - CAT1161WI-42-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT1161_0711 CATALYST-CAT1161_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-30 ONSEMI-CAT1161JI-30 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
logo
Catalyst Semiconductor
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163 Datasheet
69Kb / 12P
   Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com