Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5353 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK5353
Description  EVALUATION BOARD REV.B FOR AK5353
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5353 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK5353 Datasheet HTML 2Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 3Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 9Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ASAHI KASEI
[AKD5353]
<KM060503>
’99/11
- 6 -
n Plots
[Measurement condition]
• Measurement unit : Audio Precision, System two, Cascade (fs=48kHz),
ROHDE & SCHWARZ, UPD04 (fs=96kHz)
• MCLK
: 256fs
• BICK
: 64fs
• fs
: 48kHz or 96kHz
• BW
: 20Hz
∼20kHz (fs=48kHz), 40Hz∼40kHz (fs=96kHz)
• Bit
: 24bit
• Power Supply
: VA=VD=5V
• Interface
: DIT (fs=48kHz), Serial Multiplex (fs=96kHz)
• Temperature
: Room
fs=48kHz
Figure 2. THD+N vs Input Level (fin=1kHz)
Figure 3. THD+N vs fin (-1dBFS input)
Figure 4. Linearity (fin=1kHz)
Figure 5. Frequency Response (-1dBFS input)
Figure 6. Cross-talk (-1dBFS input)
Figure 7. FFT (1kHz, -1dBFS input)
Figure 8. FFT (1kHz, -60dBFS input)
Figure 9. FFT (noise floor)
fs=96kHz
Figure 10. THD+N vs Input Level (fin=1kHz)
Figure 11. THD+N vs fin (-1dBFS input)
Figure 12. Linearity (fin=1kHz)
Figure 13. Frequency Response (-1dBFS input)


Similar Part No. - AK5353

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5353 AKM-AK5353 Datasheet
114Kb / 17P
   96kHz 24BIT ADC WITH SIGLE-ENDED INPUT
AK5353VT AKM-AK5353VT Datasheet
114Kb / 17P
   96kHz 24BIT ADC WITH SIGLE-ENDED INPUT
More results

Similar Description - AK5353

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5351 AKM-AKD5351 Datasheet
1Mb / 21P
   EVALUATION BOARD REV.B FOR AK5351
AKD5392 AKM-AKD5392 Datasheet
1Mb / 18P
   EVALUATION BOARD REV.B FOR AK5392
AKD4520A AKM-AKD4520A Datasheet
2Mb / 36P
   EVALUATION BOARD REV.B FOR AK4520A
AKD4356 AKM-AKD4356 Datasheet
297Kb / 27P
   EVALUATION BOARD REV.B FOR AK4356
AKD4366 AKM-AKD4366 Datasheet
231Kb / 23P
   Evaluation board Rev.B for AK4366
AKD4537 AKM-AKD4537 Datasheet
290Kb / 32P
   Evaluation board Rev.B for AK4537
AKD5383VF AKM-AKD5383VF Datasheet
404Kb / 22P
   Evaluation board Rev.B for AK5383VF
AKD4367 AKM-AKD4367 Datasheet
291Kb / 24P
   Evaluation board Rev.B for AK4367
AKD4626 AKM-AKD4626 Datasheet
436Kb / 39P
   Evaluation board Rev.B for AK4626
AKD4586 AKM-AKD4586 Datasheet
471Kb / 46P
   Evaluation board Rev.B for AK4586
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com