Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5353 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK5353
Description  EVALUATION BOARD REV.B FOR AK5353
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5353 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK5353 Datasheet HTML 1Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 2Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 3Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ASAHI KASEI
[AKD5353]
<KM060503>
’99/11
- 2 -
n Analog Inputs
J1(AINL) and J2(AINR) are used.
The analog inputs are single-ended and each signal range is nominally 3.0Vpp@5V.
It is proportional to VA (Vin=0.6xVA).
n Operation sequence
1) Set up the power supply lines.
[VA] (red)
= 2.7
∼5.5V : for VA of AK5353
[3V] (orange)
= 2.7
∼5.5V : for VD of AK5353
[5V] (red)
= 3.4
∼5.5V : for logic
[AGND] (black) = 0V
: for analog ground (including AGND and DGND of AK5353)
[DGND] (black) = 0V
: for logic ground
Each supply line should be distributed from the power supply unit.
2) Set up the evaluation mode, jumper pins and DIP switches. (See the followings.)
3) Power on.
The AK5353 should be reset once bringing SW4 (5353_PD) “L” upon power-up.
n Evaluation mode
1) DIT (Optical Link) <default>
PORT1 (TOTX174) is used. DIT generates audio bi-phase signal from received data and which is output
through optical connector (TOTX174). It is possible to connect AKM’s D/A converter evaluation boards on
the digital-amplifier which equips DIR input. JP6 and JP7 should be selected same mode as AK5353. In case
of using external clock through a BNC connector (J3), select BNC on JP5(CLK) and short JP4(XTE).
JP4
XTE
JP5
CLK
JP6
MCLK
JP7
SCLK
XTL
BNC
512FS
256FS
32FS
64FS
128FS
JP9
LRCK
2) Using D/A converter board
The AK5353 can be evaluated by distortion analyzer using various AKM’s D/A converter evaluation boards.
They can be connected by 10pin flat cable via PORT2(DAC/ROM). If the AKD5353 feeds all interface signals
(MCLK,BICK,LRCK) to D/A converter board, jumper set up is same as 1) (See above). If all interface signals
are fed from D/A converter board, jumper set up is same as 3) (See below).


Similar Part No. - AK5353

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5353 AKM-AK5353 Datasheet
114Kb / 17P
   96kHz 24BIT ADC WITH SIGLE-ENDED INPUT
AK5353VT AKM-AK5353VT Datasheet
114Kb / 17P
   96kHz 24BIT ADC WITH SIGLE-ENDED INPUT
More results

Similar Description - AK5353

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5351 AKM-AKD5351 Datasheet
1Mb / 21P
   EVALUATION BOARD REV.B FOR AK5351
AKD5392 AKM-AKD5392 Datasheet
1Mb / 18P
   EVALUATION BOARD REV.B FOR AK5392
AKD4520A AKM-AKD4520A Datasheet
2Mb / 36P
   EVALUATION BOARD REV.B FOR AK4520A
AKD4356 AKM-AKD4356 Datasheet
297Kb / 27P
   EVALUATION BOARD REV.B FOR AK4356
AKD4366 AKM-AKD4366 Datasheet
231Kb / 23P
   Evaluation board Rev.B for AK4366
AKD4537 AKM-AKD4537 Datasheet
290Kb / 32P
   Evaluation board Rev.B for AK4537
AKD5383VF AKM-AKD5383VF Datasheet
404Kb / 22P
   Evaluation board Rev.B for AK5383VF
AKD4367 AKM-AKD4367 Datasheet
291Kb / 24P
   Evaluation board Rev.B for AK4367
AKD4626 AKM-AKD4626 Datasheet
436Kb / 39P
   Evaluation board Rev.B for AK4626
AKD4586 AKM-AKD4586 Datasheet
471Kb / 46P
   Evaluation board Rev.B for AK4586
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com