Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFO-P3584E5 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EFO-P3584E5
Description  Ceramic Resonators, Chip Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EFO-P3584E5 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EFO-P3584E5 Datasheet HTML 1Page - Panasonic Semiconductor EFO-P3584E5 Datasheet HTML 2Page - Panasonic Semiconductor EFO-P3584E5 Datasheet HTML 3Page - Panasonic Semiconductor EFO-P3584E5 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Ceramic Resonators, Chip Type
– EC174 –
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
–20 020 40 6080
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
–20 020 406080
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
–20 020 40 6080
30 to 50 MHz
16 to 20 MHz
2.0 to8.39MHz
8.4 to 13MHz
Temperature (
°C)
Temperature (
°C)
Temperature (
°C)
Type EFOPM
Type EFODM
Type EFOLM
T
C
E
D
r
Wt
φ A
Chip Component
Tape running
direction
Feeding hole
Chip pocket
t1
t2
P2
P0
P1
A
φD0
3.20
t1
t2
P1
A
φD0
2.00
P0
P2
Feeding hole
Chip pocket
Chip Component
Tape running direction
Feeding hole
Chip pocket
Chip Component
Tape running direction
Type EFOLM (Example)
t1
t2
P2
P0
P1
A
φD0
3.60
Typical Characteristics ····· Temperature Characteristics
Packaging Specifications
Supplied in bulk or taped & reel packing style
● Standard Packing Quantity
● Dimensions for Reel in mm (not to scale)
● Embossed Taping
[Type EFOP, EFOPM]
[Type EFOPS]
[Type EFOP, EFOPM]
[Type EFOPS, EFOD, EDODM, EFOLM]
[Type EFOD, EFODM, EFOLM]
Dim.
(mm)
φA
φBC
D
E
330±5
80 min.
13.0±0.5
21.0±0.8
2.0±0.5
Dim.
(mm)
WT
t
r
16.4
+2.0
22.4 max.
3 max.
1.0
0
Dim.
(mm)
φA
φBC
D
E
180±5
60 min.
13.0±0.5
21.0±0.8
2.0±0.5
Dim.
(mm)
WT
t
r
12.4
+2.0
18.4 max.
3 max.
1.0
0
Dim. (mm)
A
B
12
Type EFOD
3.7±0.2
6.0±0.2
Type EFODM
3.4±0.2
4.6±0.2
Type EFOLM
4.1±0.2
4.9±0.2
Dim.
(mm)
AB
W
F
E
P1
2.6±0.2
5.1±0.2 12.0±0.3 5.5±0.1 1.75±0.10 4.0±0.1
Dim.
(mm)
P2
P0
φD0
t1
t2
2.0±0.14.0±0.1
1.5
+0.1
0.6 max. 3.0 max.
0
Dim.
(mm)
AB
W
F
E
P1
3.7±0.2
8.3±0.2 16.0±0.3 7.5±0.1 1.75±0.10 8.0±0.1
Dim.
(mm)
P2
P0
φD0
t1
t2
2.0±0.14.0±0.1
1.5
+0.1
0.3
3.5 max.
0
Dim.
(mm)
AB
W
F
E
P1
12
12.0±0.3 5.5±0.1 1.75±0.10 8.0±0.1
Dim.
(mm)
P2
P0
φD0
t1
t2
2.0±0.14.0±0.1
1.5
+0.1
0.6 max. 3.0 max.
0
Type
Embossed Taping
Bulk
EFOP, EFOPM
2500 pcs./reel
500 pcs./bag
EFOPS
2000 pcs./reel
EFOD, EFODM, EFOLM
1000 pcs./reel
00 Sep. 2008


Similar Part No. - EFO-P3584E5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EFO-BM2005E5 PANASONIC-EFO-BM2005E5 Datasheet
256Kb / 5P
   Ceramic Res o na tors, Chip Type (3 Array Type)
logo
Pacific Silicon Sensor,...
EFO-S4004E5 PACIFIC-EFO-S4004E5 Datasheet
256Kb / 5P
   Ceramic Res o na tors, Chip Type
logo
Panasonic Semiconductor
EFO-S8004E5 PANASONIC-EFO-S8004E5 Datasheet
256Kb / 5P
   Ceramic Res o na tors, Chip Type
More results

Similar Description - EFO-P3584E5

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
ZTA8.00MTP TOKEN-ZTA8.00MTP Datasheet
697Kb / 29P
   MHz/KHz Type Ceramic Resonators
logo
AEL Crystals Ltd
EFOP3584B5 AEL-EFOP3584B5 Datasheet
149Kb / 1P
   Chip Ceramic Resonators General Purpose
logo
EUROQUARTZ limited
ZTB456F EUROQUARTZ-ZTB456F Datasheet
29Kb / 1P
   CERAMIC RESONATORS
ZTT2MG EUROQUARTZ-ZTT2MG Datasheet
60Kb / 1P
   CERAMIC RESONATORS
logo
Raltron Electronics Cor...
POI RALTRON-POI Datasheet
91Kb / 1P
   CERAMIC RESONATORS
logo
Kyocera Kinseki Corpota...
PBRC-G KSS-PBRC-G Datasheet
110Kb / 2P
   MHz Band Ceramic Chip Resonators (SMD)
logo
TDK Electronics
CCR20.0MUC8T TDK-CCR20.0MUC8T Datasheet
112Kb / 7P
   Ceramic Resonators
logo
EUROQUARTZ limited
ZTB190D EUROQUARTZ-ZTB190D Datasheet
43Kb / 1P
   CERAMIC RESONATORS
logo
TDK Electronics
FCR3.45MC5 TDK-FCR3.45MC5 Datasheet
65Kb / 3P
   Ceramic Resonators
logo
EUROQUARTZ limited
ZTA EUROQUARTZ-ZTA Datasheet
49Kb / 1P
   CERAMIC RESONATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com