Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDDFN2-T33B Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CDDFN2-T33B
Description  Surface Mount TVS Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDDFN2-T33B Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CDDFN2-T33B Datasheet HTML 1Page - Bourns Electronic Solutions CDDFN2-T33B Datasheet HTML 2Page - Bourns Electronic Solutions CDDFN2-T33B Datasheet HTML 3Page - Bourns Electronic Solutions CDDFN2-T33B Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can
and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
CDDFN2-T3.3B - Surface Mount TVS Diode
Packaging Information
.......
.......
.......
.......
.......
.......
.......
.......
P
A
F
E
T
120 °
D2
D
D
1
W1
C
Index Hole
P
0
P
1
d
1
W
B
10 pitches (min.)
Direction of Feed
10 pitches (min.)
End
Trailer
Device
Leader
Start
d
The surface mount product is packaged in an 8 mm x 4 mm tape and reel format per EIA-481 standard.
DIMENSIONS:
MM
(INCHES)
Item
Symbol
DFN-2
Carrier Width
A
0.70 ± 0.05
(0.028 ± 0.002)
Carrier Length
B
1.15 ± 0.05
(0.045 ± 0.002)
Carrier Depth
C
0.47 ± 0.05
(0.019 ± 0.002)
Sprocket Hole
d
1.55 ± 0.05
(0.061 ± 0.002)
Reel Outside Diameter
D
179.0 ± 1.00
(7.05 ± 0.04)
Punch Hole
d1
0.4± 0.05
0.016 ± 0.002
Reel Inner Diameter
D1
60.0 ± 0.50
2.362 ± 0.02
Feed Hole Diameter
D2
13.0 ± 0.20
(0.512 ± 0.008)
Sprocket Hole Position
E
1.75 ± 0.10
(0.069 ± 0.004)
Punch Hole Position
F
3.50 ± 0.05
(0.138 ± 0.002)
Punch Hole Pitch
P
2.00 ± 0.05
(0.079 ± 0.002)
Sprocket Hole Pitch
P0
4.00 ± 0.10
(0.157 ± 0.004)
Embossment Center
P1
2.00 ± 0.05
(0.079 ± 0.002)
Overall Tape Thickness
T
0.20 ± 0.05
(0.008 ± 0.002)
Tape Width
W
8.00 ± 0.10
(0.315 ± 0.004)
Reel Width
W1
14.4
(0.567)
MAX.
Quantity per Reel
--
12,000
REV. 10/31/13


Similar Part No. - CDDFN2-T33B

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDDFN2-T33LC BOURNS-CDDFN2-T33LC Datasheet
280Kb / 4P
   CDDFN2-T3.3LC - Surface Mount TVS Diode
More results

Similar Description - CDDFN2-T33B

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDDFN2-T4.7C BOURNS-CDDFN2-T4.7C Datasheet
228Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T3.3B BOURNS-CDDFN2-T3.3B_16 Datasheet
255Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T5.0LC BOURNS-CDDFN2-T5.0LC Datasheet
256Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T5.0C BOURNS-CDDFN2-T5.0C Datasheet
263Kb / 4P
   Surface Mount TVS Diode
CDSOT23-SLVU2.8 BOURNS-CDSOT23-SLVU2.8 Datasheet
311Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T3.3LC BOURNS-CDDFN2-T3.3LC Datasheet
280Kb / 4P
   Surface Mount TVS Diode
logo
RFE international
SMAJ RFE-SMAJ_V01 Datasheet
4Mb / 4P
   Surface Mount TVS Diode
28-JUN-2023
logo
Bourns Electronic Solut...
CDDFN2-T3.3B BOURNS-CDDFN2-T3.3B Datasheet
290Kb / 4P
   Surface Mount TVS Diode
CDSOT236-T12LC BOURNS-CDSOT236-T12LC Datasheet
97Kb / 3P
   Surface Mount TVS Diode
CDSOT563-0502 BOURNS-CDSOT563-0502 Datasheet
266Kb / 4P
   Surface Mount TVS Diode Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com