Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4537MC-BH Datasheet(PDF) 7 Page - ON Semiconductor

Part # LA4537MC-BH
Description  Power Amplifier for 1.5V Headphone Stereos
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA4537MC-BH Datasheet(HTML) 7 Page - ON Semiconductor

  LA4537MC-BH Datasheet HTML 1Page - ON Semiconductor LA4537MC-BH Datasheet HTML 2Page - ON Semiconductor LA4537MC-BH Datasheet HTML 3Page - ON Semiconductor LA4537MC-BH Datasheet HTML 4Page - ON Semiconductor LA4537MC-BH Datasheet HTML 5Page - ON Semiconductor LA4537MC-BH Datasheet HTML 6Page - ON Semiconductor LA4537MC-BH Datasheet HTML 7Page - ON Semiconductor LA4537MC-BH Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LA4537MC
No.A2033-7/8
SVRR -- Cref
30
40
50
60
35
40
45
50
55
--100
--95
--90
70
35
40
45
50
55
60
65
1
23
5
7
23
5
7
2 3
5 7
10
1
1.5
2
2.5
3
3.5
0.1
23
5 7
1
23
5 7
10
23
5 7
23
5 7
1
1.5
2
2.5
3
3.5
1
1.5
2
2.5
3
3.5
0.1
23
5 7 1
23
5 7
2 3
5 7
10
11.5
0.5
2
2.5
3
4
3.5
100
100
Frequency, f -- kHz
SVRR -- f
0.01
Supply voltage, VCC -- V
SVRR -- VCC
30
60
0.5
4
Frequency, fin -- kHz
VMT -- fin
--105
--85
0.01
100
Capacitance, Cref -- µF
--100
--95
--90
1
2
3
4
5
6
7
8
Supply voltage, VCC -- V
VMT -- VCC
--105
--85
0.5
4
Supply voltage, VCC -- V
ICCO -- VCC
0
9
04.5
0.2
0.4
0.6
0.8
Supply voltage, VCC -- V
Pin voltage -- VCC
0
1
0.5
4
VCC=1.0V
VR=-30dBm
f=100Hz
Rg=1kΩ
RL=16Ω
VCC=1.0V
VR=-30dBm
Rg=1kΩ
RL=16Ω
VR=-30dBm
f=100Hz
Rg=1kΩ
RL=16Ω
Vin=-10dBm
fin=100Hz
RL=16Ω
V1=0.85V
V10=0.3V
V1=0.85V
V10=0.85V
REF (5pin)
OUT (7pin, 9pin)
V1=0.85V
no load
no signal
VCC=0.9V
Vin=-10dBm
RL=16Ω
V1=0.85V
V10=0.3V
Same characteristics
during power-off mode
Same characteristics
during power-off mode
Mu
te o
ff
Mute o
n


Similar Part No. - LA4537MC-BH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4537MC SANYO-LA4537MC Datasheet
147Kb / 4P
   Power Amplifier For 1.5V Headphone Stereos
More results

Similar Description - LA4537MC-BH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4537MC SANYO-LA4537MC Datasheet
147Kb / 4P
   Power Amplifier For 1.5V Headphone Stereos
LA4537M SANYO-LA4537M Datasheet
73Kb / 3P
   Power Amplifier for 1.5V Headphone Stereos?
LA4537M SANYO-LA4537M_08 Datasheet
204Kb / 4P
   Power Amplifier For 1.5V Headphone Stereos
logo
Rohm
BA3632K ROHM-BA3632K Datasheet
339Kb / 16P
   Pre / power amplifier for 1.5V headphone stereos
logo
Weida Semiconductor, In...
YD7000 WEIDA-YD7000 Datasheet
31Kb / 4P
   POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Wuxi Youda electronics ...
YD7000 YOUDA-YD7000 Datasheet
92Kb / 4P
   POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Unisonic Technologies
A4533 UTC-A4533_15 Datasheet
168Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Sanyo Semicon Device
LA4533M SANYO-LA4533M Datasheet
72Kb / 3P
   Power Amplifier for 3V Headphone Stereos
logo
Rohm
BA3612AKV ROHM-BA3612AKV Datasheet
304Kb / 14P
   Pre-power amplifier for headphone stereos
logo
Unisonic Technologies
A4533 UTC-A4533 Datasheet
112Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com