Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN3180 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN3180
Description  Single 2-A Low-Side Driver with 3.3-V LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3180 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN3180 Datasheet HTML 2Page - Fairchild Semiconductor FAN3180 Datasheet HTML 3Page - Fairchild Semiconductor FAN3180 Datasheet HTML 4Page - Fairchild Semiconductor FAN3180 Datasheet HTML 5Page - Fairchild Semiconductor FAN3180 Datasheet HTML 6Page - Fairchild Semiconductor FAN3180 Datasheet HTML 7Page - Fairchild Semiconductor FAN3180 Datasheet HTML 8Page - Fairchild Semiconductor FAN3180 Datasheet HTML 9Page - Fairchild Semiconductor FAN3180 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3180 • Rev. 1.0.3
6
Electrical Characteristics
Unless otherwise noted, VDD = 12 V, TJ = -40°C to +125°C. Currents are defined as positive into the device and
negative out of the device.
Symbol
Parameter
Conditions
Min.
Typ. Max. Unit
Output
ISINK
OUT Current, Mid-Voltage, Sinking
(8)
OUT at VDD/2, CLOAD=0.1 µF,
f=1 kHz
2.5
A
ISOURCE
OUT Current, Mid-Voltage, Sourcing
(8)
OUT at VDD/2,
CLOAD =0.1 µF, f=1 kHz
-1.8
A
IPK_SINK
OUT Current, Peak, Sinking
(8)
CLOAD=0.1 µF, f=1 kHz
2.8
A
IPK_SOURCE
OUT Current, Peak, Sourcing
(8)
CLOAD=0.1 µF, f=1 kHz
-2.5
A
tRISE
Output Rise Time
(9)
CLOAD=1000 pF
19
30
ns
tFALL
Output Fall Time
(9)
CLOAD=1000 pF
13
25
ns
tD1
Output Prop. Delay, Input Rising
(9)
0 - 3.3 VIN, 1 V/ns Slew Rate
12
23
36
ns
tD2
Output Prop. Delay, Input Falling
(9)
0 - 3.3 VIN, 1 V/ns Slew Rate
13
24
35
ns
IRVS
Output Reverse Current Withstand
(8)
250
mA
Notes:
8.
Not tested in production.
9.
See Figure 4.
Timing Diagrams
Figure 4. Non-Inverting Waveforms
90%
10%
Output
IN+
t
D1
t
D2
t
RISE
t
FALL
V
INL
V
INH


Similar Part No. - FAN3180

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3180 ONSEMI-FAN3180 Datasheet
1Mb / 19P
   Single 2-A Low-Side Driver with 3.3-V LDO
June 2013 Rev. 1.0.3
FAN3180TSX ONSEMI-FAN3180TSX Datasheet
1Mb / 19P
   Single 2-A Low-Side Driver with 3.3-V LDO
June 2013 Rev. 1.0.3
More results

Similar Description - FAN3180

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3180 ONSEMI-FAN3180 Datasheet
1Mb / 19P
   Single 2-A Low-Side Driver with 3.3-V LDO
June 2013 Rev. 1.0.3
logo
Diodes Incorporated
DGD0280WTQ DIODES-DGD0280WTQ Datasheet
928Kb / 11P
   AUTOMOTIVE LOW SIDE SINGLE GATE DRIVER WITH LDO
Rev. 2 - 2 December 2022
DGD0280 DIODES-DGD0280 Datasheet
644Kb / 11P
   HIGH SPEED LOW SIDE SINGLE GATE DRIVER WITH LDO
September 2019
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
FAN3100C ONSEMI-FAN3100C Datasheet
1Mb / 21P
   Single 2 A High-Speed, Low-Side Gate Driver
December-2017, Rev . 2
logo
Texas Instruments
UCC44273 TI-UCC44273 Datasheet
1Mb / 28P
[Old version datasheet]   UCC44273 4-A, 4-A Single-Channel Low-Side Driver with 5-V UVLO
OCTOBER 2023
UCC27710 TI1-UCC27710 Datasheet
1Mb / 33P
[Old version datasheet]   620-V, 0.5-A, 1.0-A High-Side Low-Side Gate Driver with Interlock
UCC27712 TI1-UCC27712 Datasheet
1Mb / 39P
[Old version datasheet]   620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
UCC27614 TI-UCC27614_V01 Datasheet
3Mb / 39P
[Old version datasheet]   UCC27614 30-V, 10-A Single Channel Low Side Gate Driver with ??0-V Input Capability
JANUARY 2022
UCC27614 TI-UCC27614 Datasheet
2Mb / 36P
[Old version datasheet]   UCC27614 30-V, 10-A Single Channel Low Side Gate Driver with ??0-V Input Capability
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com