Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1862MC Datasheet(PDF) 2 Page - ON Semiconductor

Part # LB1862MC
Description  Single-Phase Full-Wave Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1862MC Datasheet(HTML) 2 Page - ON Semiconductor

  LB1862MC Datasheet HTML 1Page - ON Semiconductor LB1862MC Datasheet HTML 2Page - ON Semiconductor LB1862MC Datasheet HTML 3Page - ON Semiconductor LB1862MC Datasheet HTML 4Page - ON Semiconductor LB1862MC Datasheet HTML 5Page - ON Semiconductor LB1862MC Datasheet HTML 6Page - ON Semiconductor LB1862MC Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LB1862MC
No.A2024-2/7
Allowable Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
VCC
3.8 to 16.8
V
ST input High level voltage
STH
3 to 14
V
ST input Low level voltage
STL
-0.3 to +0.4
V
Hall input common mode voltage
VICM
0.2 to VCC-1.5
V
Electrical Characteristics at Ta
= 25°C, VCC = 5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
In drive mode (CT = “L”, ST = “L”)
6.5
9.1
mA
In lockup protection mode (CT = “H”, ST = “L”)
2.2
3.1
mA
Current drain
ICC
In standby mode (ST = “H”)
110
150
μA
Lockup detection
capacitor charge current
ICT1
1.9
2.8
3.7
μA
Capacitor discharge current
ICT2
0.32
0.46
0.60
μA
Capacitor charge/discharge
current ratio
RCT
RCT = ICT1/ICT2
5.0
6.0
7.0
CT charge voltage
VCT1
2.55
2.75
2.95
V
CT discharge voltage
VCT2
1.6
1.8
2.0
V
Output Low level voltage
VOL
IO = 200mA
0.2
0.3
V
Output High level voltage
VOH
IO = 200mA
3.9
4.1
V
Hall input sensitivity
VHN
Zero peak value (Including offset and hysteresis)
7
15
mV
RD output pin Low voltage
VRD
IRD = 5mA
0.1
0.3
V
RD output pin leakage current
IRDL
VRD = 15V
30
μA
HB output Low voltage
VHBL
IHB = 5mA
1.0
1.3
V
ST pin input current
IST
VST = 5V
75
100
μA
Package Dimensions
unit : mm (typ)
3420
Pd max -- Ta
-20
0
20
40
60
80
100
0
1
0.8
0.6
0.4
0.2
0.85
0.41
90
-30
Ambient temperature, Ta --
°C
Specified board: 114.3
×76.2×1.5mm3
glass epoxy board.
SANYO : MFP10SK(225mil)
1
10
2
0.8 MAX
1.0
0.35
5.0
0.15


Similar Part No. - LB1862MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1862MC SANYO-LB1862MC Datasheet
124Kb / 7P
   Monolithic Digital IC For Fan Motor Single-Phase Full-Wave Driver
More results

Similar Description - LB1862MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8063FA-BH ONSEMI-LV8063FA-BH Datasheet
208Kb / 8P
   Single-Phase Full-Wave Driver
May, 2013
LB11970RV ONSEMI-LB11970RV Datasheet
228Kb / 7P
   Single-phase Full-wave Driver
May, 2013
logo
Sanyo Semicon Device
LB11660RV SANYO-LB11660RV Datasheet
78Kb / 9P
   Single-Phase Full-Wave Driver
logo
ON Semiconductor
LB1862 ONSEMI-LB1862 Datasheet
84Kb / 6P
   Single-Phase Full-Wave Driver
May, 2013
LV8068V ONSEMI-LV8068V Datasheet
102Kb / 11P
   Single-Phase Full-Wave Driver
May, 2013
logo
Sanyo Semicon Device
LV8064TT SANYO-LV8064TT Datasheet
90Kb / 8P
   Single-Phase Full-Wave Driver
logo
ON Semiconductor
LV8062FA ONSEMI-LV8062FA Datasheet
198Kb / 7P
   Single-Phase Full-Wave Driver
May, 2013
LV8163QA ONSEMI-LV8163QA Datasheet
370Kb / 7P
   Single-Phase Full-Wave Driver
May, 2013
LV8860V ONSEMI-LV8860V Datasheet
205Kb / 11P
   Single-Phase Full-Wave Driver
May, 2013
LA6581T-TE-L-H ONSEMI-LA6581T-TE-L-H Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com