Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1726E Datasheet(PDF) 5 Page - Advanced Linear Devices

Part # ALD1726E
Description  EPAD??ULTRA MICROPOWER OPERATIONAL AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1726E Datasheet(HTML) 5 Page - Advanced Linear Devices

  ALD1726E Datasheet HTML 1Page - Advanced Linear Devices ALD1726E Datasheet HTML 2Page - Advanced Linear Devices ALD1726E Datasheet HTML 3Page - Advanced Linear Devices ALD1726E Datasheet HTML 4Page - Advanced Linear Devices ALD1726E Datasheet HTML 5Page - Advanced Linear Devices ALD1726E Datasheet HTML 6Page - Advanced Linear Devices ALD1726E Datasheet HTML 7Page - Advanced Linear Devices ALD1726E Datasheet HTML 8Page - Advanced Linear Devices ALD1726E Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ALD1726E/ALD1726
Advanced Linear Devices
5
TA = 25
oC VS = ±1.0V unless otherwise specified
1726E
1726
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Initial Power Supply
PSRR i
70
70
dB
RS ≤ 1MΩ
Rejection Ratio
8
Initial Common Mode
CMRRi
70
70
dB
RS ≤ 1MΩ
Rejection Ratio
8
Large Signal Voltage Gain
AV
50
50
V/mV
RL = 1MΩ
Output Voltage Range
VO low
-0.95
-0.9
-0.95
-0.90
V
RL = 1MΩ
VO high
0.9
0.95
0.90
0.95
Bandwidth
BW
0.3
0.3
MHz
Slew Rate
SR
0.17
0.17
V/
µsAV = +1, CL = 50pF
VS = ±2.5V -55°C TA +125°C unless otherwise specified
1726E
1726
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Initial Input offset Voltage
VOS i
0.7
0.7
mV
RS ≤ 100KΩ
Input Offset Current
IOS
2.0
2.0
nA
Input Bias Current
IB
2.0
2.0
nA
Initial Power Supply
PSRR i
75
75
dB
RS ≤ 1MΩ
Rejection Ratio 8
Initial Common Mode
CMRR i
83
83
dB
RS ≤ 1MΩ
RejectionRatio 8
Large Signal Voltage Gain
AV
15
50
15
50
V/mV
RL = 1MΩ
Output Voltage Range
VO low
-2.40
-2.30
-2.40
-2.30
V
VO high
2.30
2.40
2.30
2.40
V
RL = 1MΩ


Similar Part No. - ALD1726E

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1726EDA ALD-ALD1726EDA Datasheet
108Kb / 13P
   EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1726EPA ALD-ALD1726EPA Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
ALD1726EPAL ALD-ALD1726EPAL Datasheet
108Kb / 13P
   EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1726ESA ALD-ALD1726ESA Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
ALD1726ESAL ALD-ALD1726ESAL Datasheet
108Kb / 13P
   EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - ALD1726E

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1721E ALD-ALD1721E Datasheet
66Kb / 10P
   EPAD??MICROPOWER OPERATIONAL AMPLIFIER
ALD2726 ALD-ALD2726 Datasheet
58Kb / 10P
   DUAL EPAD TM ULTRA MICROPOWER OPERATIONAL AMPLIFIER
ALD2721 ALD-ALD2721 Datasheet
58Kb / 10P
   DUAL EPAD TM MICROPOWER OPERATIONAL AMPLIFIER
ALD1722E ALD-ALD1722E Datasheet
64Kb / 10P
   EPAD??OPERATIONAL AMPLIFIER
ALD2722 ALD-ALD2722 Datasheet
58Kb / 10P
   DUAL EPAD TM OPERATIONAL AMPLIFIER
ALD1726E ALD-ALD1726E_11 Datasheet
108Kb / 13P
   EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1726 ALD-ALD1726 Datasheet
104Kb / 9P
   PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
ALD1736A ALD-ALD1736A Datasheet
88Kb / 9P
   PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2736A ALD-ALD2736A Datasheet
92Kb / 9P
   PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2726 ALD-ALD2726_11 Datasheet
111Kb / 13P
   DUAL EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com