Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD1-17251DBAW3C Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # FDD1-17251DBAW3C
Description  172x150x51mm DC AXIAL FAN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

FDD1-17251DBAW3C Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  FDD1-17251DBAW3C Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Motor: Brushless DC
Motor Protection: IC
Bearing Type: Two Ball
Connection: UL 1007 AWG 22, 360mm Wire Leads
Impeller Material: Plastic UL94V-0
Operating Temp:
Two Ball: -20°C~70°C
172x150x51mm
FDD1-17251 Series
Features:
Frame Material: Aluminum Alloy
Volt.
(VDC)
Current
(A)
Power
(W)
Rated
Speed
(rpm)
Model No.
FDD1-17251CBAW3
FDD1-17251CBLW3
FDD1-17251CBMW3
FDD1-17251CBHW3
FDD1-17251DBAW3
FDD1-17251DBLW3
FDD1-17251DBMW3
FDD1-17251DBHW3
FDD1-17251DBJW3
FDD1-17251DBKW3
FDD1-17251EBAW3
FDD1-17251EBLW3
FDD1-17251EBMW3
FDD1-17251EBHW3
FDD1-17251EBJW3
FDD1-17251EBKW3
1.31
1.88
2.75
3.73
0.65
0.89
1.21
1.69
2.41
2.94
0.33
0.45
0.60
0.79
1.15
1.48
15.72
22.56
33.00
44.76
15.60
21.36
29.04
40.56
57.84
70.56
15.84
21.60
28.80
37.92
55.20
71.04
2800
3200
3600
4000
2800
3200
3600
4000
4400
4800
2800
3200
3600
4000
4400
4800
Maximum
AirFlow
6.23
7.22
8.21
9.20
6.23
7.22
8.21
9.20
10.10
11.00
6.23
7.22
8.21
9.20
10.10
11.00
220
255
290
325
220
255
290
325
355
390
220
255
290
325
355
390
12
12
12
12
24
24
24
24
24
24
48
48
48
48
48
48
(CMM)
(CFM)
Maximum Static
Pressure
0.571
0.736
0.925
1.134
0.571
0.736
0.925
1.134
1.343
1.587
0.571
0.736
0.925
1.134
1.343
1.587
14.5
18.7
23.5
28.8
14.5
18.7
23.5
28.8
34.1
40.3
14.5
18.7
23.5
28.8
34.1
40.3
(InAq)
(mmAq)
Noise
Level
(dB/A)
52.0
56.0
60.0
64.0
52.0
56.0
60.0
64.0
68.0
72.0
52.0
56.0
60.0
64.0
68.0
72.0
Weight
(g)
1070
1070
1070
1070
1070
1070
1070
1070
1070
1070
1070
1070
1070
1070
1070
1070
ISO-9001 Company
www.Qualtekusa.com
DC AXIAL FAN
Life Expectancy:
Two Ball: 50,000 Hours
Two Ball: 100,000 Hours (-L)
* Indicates “2” (No Special Function), “3” (Alarm), “4” (Speed Sensor), “9” (PWM),
“B” (PWM + Speed Sensor) or “C” (Alarm + Speed Sensor)
# Indicates “-L” (100,000 Hours Life Expectancy) or Leave Blank (50,000 Hours Life Expectancy)
Q
ualtek
Electronics Corporation
Noise is measured at the distance of one (1) meter from the axis of intake.
Fan-S Division
Rotation direction
Air flow
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
#
#
#
#
#
#
#
#
#
#
#
#
#
#
#
#
0
5
10
15
20
25
30
35
40
0
50
100
150
200
250
300
350
400
FLOWRATE (CFM)
Fan Performance Curve
A
L
M
H
J
K
172 ± 0.5
162 ± 0.3
360
5
Ø4.3±0.2
M4*P0.7
55.5˚
51 ± 0.5


Similar Part No. - FDD1-17251DBAW3C

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FDD1-17238 QUALTEK-FDD1-17238 Datasheet
644Kb / 1P
   172x150x38mm DC AXIAL FAN
FDD1-17238CBAW42 QUALTEK-FDD1-17238CBAW42 Datasheet
644Kb / 1P
   172x150x38mm DC AXIAL FAN
FDD1-17238CBAW42-L QUALTEK-FDD1-17238CBAW42-L Datasheet
644Kb / 1P
   172x150x38mm DC AXIAL FAN
FDD1-17238CBAW43 QUALTEK-FDD1-17238CBAW43 Datasheet
644Kb / 1P
   172x150x38mm DC AXIAL FAN
FDD1-17238CBAW43-L QUALTEK-FDD1-17238CBAW43-L Datasheet
644Kb / 1P
   172x150x38mm DC AXIAL FAN
More results

Similar Description - FDD1-17251DBAW3C

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FKA1-17251 QUALTEK-FKA1-17251 Datasheet
1Mb / 1P
   172x150x51mm AC AXIAL FAN
FDA2-17251 QUALTEK-FDA2-17251 Datasheet
531Kb / 1P
   172x150x51mm AC AXIAL FAN
FKA2-17251 QUALTEK-FKA2-17251 Datasheet
1Mb / 1P
   172x150x51mm AC AXIAL FAN
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
   DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
   DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
   DC AXIAL FAN
logo
ebm-papst
63142TDHHP015 EBMPAPST-63142TDHHP015_16 Datasheet
292Kb / 4P
   DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
   DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
   DC axial fan
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com