Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1721PA Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD1721PA
Description  EPAD??MICROPOWER OPERATIONAL AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1721PA Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD1721PA Datasheet HTML 1Page - Advanced Linear Devices ALD1721PA Datasheet HTML 2Page - Advanced Linear Devices ALD1721PA Datasheet HTML 3Page - Advanced Linear Devices ALD1721PA Datasheet HTML 4Page - Advanced Linear Devices ALD1721PA Datasheet HTML 5Page - Advanced Linear Devices ALD1721PA Datasheet HTML 6Page - Advanced Linear Devices ALD1721PA Datasheet HTML 7Page - Advanced Linear Devices ALD1721PA Datasheet HTML 8Page - Advanced Linear Devices ALD1721PA Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Advanced Linear Devices
ALD1721E/ALD1721
OPERATING ELECTRICAL CHARACTERISTICS (cont'd)
TA = 25oC VS =
±2.5V unless otherwise specified
1721E
1721
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Supply Current
IS
120
200
120
200
µAVIN = 0V
No Load
Power Dissipation
PD
0.6
1.00
0.6
1.00
mW
VS = ±2.5V
Input Capacitance
CIN
11
pF
Maximum Load Capacitance
CL
50
50
pF
Equivalent Input Noise Voltage
en
55
55
nV/
√Hz
f = 1KHz
Equivalent Input Current Noise
in
0.6
0.6
fA/
√Hz
f =10Hz
Bandwidth
BW
400
700
400
700
KHz
Slew Rate
SR
0.3
0.7
0.3
0.7
V/
µsAV = +1
RL = 10KΩ
Rise time
tr
0.2
0.2
µsRL = 10KΩ
Overshoot Factor
20
20
%
RL = 100KΩ,
CL = 50pF
Settling Time
ts
10
10
µs
0.1%
AV = 1,RL=100KΩ
CL = 50pF
TA = 25
oC VS = ±2.5V unless otherwise specified
1721E
1721
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Average Long Term Input Offset
∆ VOS
0.02
0.02
µV/
Voltage Stability 9
∆ time
1000 hrs
Initial VE Voltage
VE1 i, VE2 i
1.2
1.7
V
Programmable VE Range
∆VE1, ∆VE2
1.5
2.5
1.0
V
Programmed VE Voltage Error
e(VE1-VE2)
0.1
0.1
%
VE Pin Leakage Current
ieb
-5
-5
µA


Similar Part No. - ALD1721PA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1721PA ALD-ALD1721PA Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
ADL Embedded Solutions
ALD1721PAL ADL-ALD1721PAL Datasheet
108Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
More results

Similar Description - ALD1721PA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1726E ALD-ALD1726E Datasheet
65Kb / 10P
   EPAD??ULTRA MICROPOWER OPERATIONAL AMPLIFIER
ALD2721 ALD-ALD2721 Datasheet
58Kb / 10P
   DUAL EPAD TM MICROPOWER OPERATIONAL AMPLIFIER
ALD2726 ALD-ALD2726 Datasheet
58Kb / 10P
   DUAL EPAD TM ULTRA MICROPOWER OPERATIONAL AMPLIFIER
ALD1722E ALD-ALD1722E Datasheet
64Kb / 10P
   EPAD??OPERATIONAL AMPLIFIER
ALD2722 ALD-ALD2722 Datasheet
58Kb / 10P
   DUAL EPAD TM OPERATIONAL AMPLIFIER
logo
Maxwell Technologies
OP220 MAXWELL-OP220 Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP-420 AD-OP-420 Datasheet
180Kb / 6P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
logo
Intersil Corporation
CA3078 INTERSIL-CA3078_01 Datasheet
396Kb / 12P
   2MHz,MicropowerOperationalAmplifier
logo
California Micro Device...
CMV1020 CALMIRCO-CMV1020 Datasheet
279Kb / 10P
   MICROPOWER PRO OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com