Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1726DA Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD1726DA
Description  EPAD??ULTRA MICROPOWER OPERATIONAL AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1726DA Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD1726DA Datasheet HTML 1Page - Advanced Linear Devices ALD1726DA Datasheet HTML 2Page - Advanced Linear Devices ALD1726DA Datasheet HTML 3Page - Advanced Linear Devices ALD1726DA Datasheet HTML 4Page - Advanced Linear Devices ALD1726DA Datasheet HTML 5Page - Advanced Linear Devices ALD1726DA Datasheet HTML 6Page - Advanced Linear Devices ALD1726DA Datasheet HTML 7Page - Advanced Linear Devices ALD1726DA Datasheet HTML 8Page - Advanced Linear Devices ALD1726DA Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ALD1726E/ALD1726
Advanced Linear Devices
3
Supply voltage, V+
13.2V
Differential input voltage range
-0.3V to V+ +0.3V
Power dissipation
600 mW
Operating temperature range
PA,SA package
0
°C to +70°C
DA package
-55
°C to +125°C
Storage temperature range
-65
°C to +150°C
Lead temperature, 10 seconds
+260
°C
ABSOLUTE MAXIMUM RATINGS
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25oC VS =
±2.5V unless otherwise specified
1726E
1726
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Supply Voltage
VS
±1.0
±5.0
±1.0
±5.0
V
V+
2.0
10.0
2.0
10.0
V
Single Supply
Initial Input Offset Voltage1
VOS i
50
100
75
150
µVRS ≤ 100KΩ
Offset Voltage Program Range 2
∆VOS
±10
±20
±1
±5mV
Programmed Input Offset
VOS
50
100
75
150
µV
At user specified
Voltage Error 3
target offset voltage
Total Input Offset Voltage 4
VOST
50
100
75
150
µV
At user specified
target offset voltage
Input Offset Current 5
IOS
0.01
10
0.01
10
pA
TA = 25°C
240
240
pA
0
°C ≤ TA ≤ +70°C
Input Bias Current 5
IB
0.01
10
0.01
10
pA
TA = 25°C
Input Voltage Range 6
VIR
-0.3
5.3
-0.3
5.3
V
V+ = +5V
-2.8
+2.8
-2.8
+2.8
V
VS = ±2.5V
Input Resistance
RIN
1014
1014
Input Offset Voltage Drift 7
TCVOS
77
µV/°CRS ≤ 100KΩ
Initial Power Supply
PSRR i
80
80
dB
RS ≤ 100KΩ
Rejection Ratio 8
Initial Common Mode
CMRR i
83
83
dB
RS ≤ 100KΩ
Rejection Ratio 8
Large Signal Voltage Gain
AV
32
100
32
100
V/mV
RL =1MΩ
20
20
V/mV
0
°C ≤ TA ≤ +70°C
VO low
0.001
0.01
0.001
0.01
V
RL =1MΩ V+ = 5V
Output Voltage Range
VO high
4.99
4.999
4.99
4.999
V
0
°C ≤ TA ≤ +70°C
VO low
-2.48
-2.40
-2.48
-2.40
V
RL =100KΩ
VO high
2.40
2.48
2.40
2.48
V
0
°C ≤ TA ≤ +70°C
Output Short Circuit Current
ISC
200
200
µA
\* NOTES 1 through 9, see section titled "Definitions and Design Notes".


Similar Part No. - ALD1726DA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1726DA ALD-ALD1726DA Datasheet
104Kb / 9P
   PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
More results

Similar Description - ALD1726DA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1721E ALD-ALD1721E Datasheet
66Kb / 10P
   EPAD??MICROPOWER OPERATIONAL AMPLIFIER
ALD2726 ALD-ALD2726 Datasheet
58Kb / 10P
   DUAL EPAD TM ULTRA MICROPOWER OPERATIONAL AMPLIFIER
ALD2721 ALD-ALD2721 Datasheet
58Kb / 10P
   DUAL EPAD TM MICROPOWER OPERATIONAL AMPLIFIER
ALD1722E ALD-ALD1722E Datasheet
64Kb / 10P
   EPAD??OPERATIONAL AMPLIFIER
ALD2722 ALD-ALD2722 Datasheet
58Kb / 10P
   DUAL EPAD TM OPERATIONAL AMPLIFIER
ALD1726E ALD-ALD1726E_11 Datasheet
108Kb / 13P
   EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1726 ALD-ALD1726 Datasheet
104Kb / 9P
   PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
ALD1736A ALD-ALD1736A Datasheet
88Kb / 9P
   PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2736A ALD-ALD2736A Datasheet
92Kb / 9P
   PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2726 ALD-ALD2726_11 Datasheet
111Kb / 13P
   DUAL EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com