Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11620T-TLM-E Datasheet(PDF) 1 Page - ON Semiconductor

Part # LB11620T-TLM-E
Description  Brushless Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11620T-TLM-E Datasheet(HTML) 1 Page - ON Semiconductor

  LB11620T-TLM-E Datasheet HTML 1Page - ON Semiconductor LB11620T-TLM-E Datasheet HTML 2Page - ON Semiconductor LB11620T-TLM-E Datasheet HTML 3Page - ON Semiconductor LB11620T-TLM-E Datasheet HTML 4Page - ON Semiconductor LB11620T-TLM-E Datasheet HTML 5Page - ON Semiconductor LB11620T-TLM-E Datasheet HTML 6Page - ON Semiconductor LB11620T-TLM-E Datasheet HTML 7Page - ON Semiconductor LB11620T-TLM-E Datasheet HTML 8Page - ON Semiconductor LB11620T-TLM-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
O0808 MS / 22807 MS PC 20061227-S00002 No.A0662-1/11
http://onsemi.com
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Semiconductor Components Industries, LLC, 2013
May, 2013
LB11620T
Overview
The LB11620T is a direct PWM drive predriver IC that is optimal for three-phase power brushless motors. A motor
driver circuit with the desired output capability (voltage and current) can be implemented by adding discrete transistors
or other power devices to the outputs of this IC. Since the LB11620T is provided in a miniature package, it is also
appropriate for use with miniature motors as well.
Features
• Three-phase bipolar drive
• Direct PWM drive (input of either a control voltage or a variable-duty PWM signal)
• Built-in forward/reverse switching circuit
• Full complement of protection circuits (current limiter, low-voltage, and automatic recovery lock (motor constraint)
protection circuits)
• Selectable Hall sensor signal pulse output
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage 1
VCC max
VCC pin
18
V
Output current
IO max
UL, VL, WL, UH, VH, WH pins
30
mA
Allowable power dissipation
Pd max
*Mounted on a circuit board.
0.8
W
Operating temperature
Topr
-20 to +100
°C
Storage temperature
Tstg
-55 to +150
°C
* Mounted on a circuit board : 114.3mm
×76.1mm×1.6mm, glass epoxy board.
Monolithic Digital IC
Brushless Motor Driver
Ordering number : ENA0662A


Similar Part No. - LB11620T-TLM-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11620T-TLM-E ONSEMI-LB11620T-TLM-E Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
More results

Similar Description - LB11620T-TLM-E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8261 PANASONIC-AN8261 Datasheet
48Kb / 4P
   Brushless Motor Driver
logo
ON Semiconductor
LB11620T-TLM-E ONSEMI-LB11620T-TLM-E Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11620T SANYO-LB11620T_08 Datasheet
153Kb / 13P
   Brushless Motor Driver
LB1672NM SANYO-LB1672NM Datasheet
97Kb / 4P
   Brushless-Sensorless Motor Driver
LB1674V SANYO-LB1674V Datasheet
240Kb / 6P
   Brushless, Sensorless Motor Driver
logo
List of Unclassifed Man...
MOT-BL-DRV-120 ETC-MOT-BL-DRV-120 Datasheet
303Kb / 1P
   Brushless Motor Driver 120W
logo
Sanyo Semicon Device
LB1674M SANYO-LB1674M Datasheet
111Kb / 6P
   Brushless, Sensorless Motor Driver?
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
   Brushless DC Motor Driver
logo
Sanyo Semicon Device
LB11985H SANYO-LB11985H Datasheet
82Kb / 9P
   VCR Capstan Motor Brushless Motor Driver
logo
Cherry Semiconductor Co...
CS-5143 CHERRY-CS-5143 Datasheet
578Kb / 10P
   brushless DC Motor Driver/Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com