Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD4211DC Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD4211DC
Description  CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4211DC Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD4211DC Datasheet HTML 1Page - Advanced Linear Devices ALD4211DC Datasheet HTML 2Page - Advanced Linear Devices ALD4211DC Datasheet HTML 3Page - Advanced Linear Devices ALD4211DC Datasheet HTML 4Page - Advanced Linear Devices ALD4211DC Datasheet HTML 5Page - Advanced Linear Devices ALD4211DC Datasheet HTML 6Page - Advanced Linear Devices ALD4211DC Datasheet HTML 7Page - Advanced Linear Devices ALD4211DC Datasheet HTML 8Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ALD4211/ALD4212
Advanced Linear Devices
3
ALD4213
AC ELECTRICAL CHARACTERISTICS
TA = 25°C V+ = +5.0V, V- = -5.0V, GND = 0.0V unless otherwise specified
4211/4212/4213(PC) 4211/4212/4213(DC) 4211/4212/4213(SC)
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Turn On
Delay time
tON
60
130
60
130
60
130
ns
(Note 2)
Turn Off
Delay time
tOFF
60
130
60
130
60
130
ns
(Note 2)
Charge Injection
QINJ
0.2
1.0
0.2
1.0
0.2
1.0
pC
(Note 3) (Note 4)
Off Isolation
75
75
75
dB
At f = 100KHz, (Note 5)
Crosstalk
90
90
90
dB
At f = 100KHz, (Note 6)
Total Harmonic
THD
0.05
0.05
0.05
%
RL = 10K
Distortion
0.01
0.01
0.01
RL = 100K
Com/Out
COM(OFF)
Off Capacitance
OUT(OFF)
3.0
3.0
3.0
pF
Channel On
Capacitance
CDS (ON)
5.7
5.7
5.7
pF
Pin to Pin
Capacitance
CPP
0.5
0.6
0.25
pF
Notes: 1. Voltage on any terminal must be less than (V+) + 0.3V and greater than (V-) - 0.3V, at all times including before power is applied and V+ =V- = 0.0V. Vsupply
power supply needs to be sequenced on first on power turn-on and sequenced off last during power turn-off. 2. See Switching Time Test Circuit. Break-before-make time is
not guaranteed. Turn on and turn off time may overlap. 3. Guaranteed by design. 4. See Charge Injection Test Circuit 5. See Off Isolation Test Circuit 6. See Crosstalk
Test Circuit. 7. See switching time test circuit.
Analog Signal Range
VA
0.0
+5.0
0.0
+5.0
V
On - Resistance
RON
195
280
195
280
VA = 0V IA = 1mA
250
365
-40
°C to +85°C
270
390
-55
°C to +125°C
Change of On-Resistance
∆RON
20
20
%
from -VS to +VS
Change of On-Resistance
∆RON/∆T
0.43
0.43
%/
°C
with Temperature
RON Match
2
2
%
Between Switches
Off Com Leakage
ICOML
50
100
50
100
pA
VCOM = +/-4.0V,VOUT = -/+4.0V
Current
500
pA
-40
°C to +85°C
4000
pA
-55
°C to +125°C
Off Out Leakage
IOUTL
50
100
50
100
pA
VOUT = +/-4.0V,VCOM = -/+4.0V
Current
500
pA
-40
°C to +85°C
4000
pA
-55
°C to +125°C
On Channel
ID(ON)
50
100
50
100
pA
Leakage Current
500
pA
-40
°C to +85°C
4000
pA
-55
°C to +125°C
Input High Voltage
VIH
4.0
4.0
Logic "1"
Input Low Voltage
VIL
0.8
0.8
V
Logic "0"
Input High or
IIH
Input Low Current
IIL
10
10
nA
Supply Current
ISUPPLY
0.01
1
0.01
1
µA
DC ELECTRICAL CHARACTERISTICS
TA = 25°C V+ = +5.0V, V- = GND = 0.0V unless otherwise specified
4211/4212/4213 (PC,SC)
4211/4212/4213 (DC)
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions


Similar Part No. - ALD4211DC

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4211DC ALD-ALD4211DC Datasheet
48Kb / 8P
   CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
More results

Similar Description - ALD4211DC

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4211 ALD-ALD4211_05 Datasheet
48Kb / 8P
   CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX4614 MAXIM-MAX4614 Datasheet
167Kb / 12P
   Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches
Rev 0; 7/99
MAX4613 MAXIM-MAX4613_V01 Datasheet
1Mb / 13P
   Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches
2021
logo
Vishay Siliconix
DG411L VISHAY-DG411L_08 Datasheet
140Kb / 11P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 25-Jun-07
DG441L VISHAY-DG441L_V01 Datasheet
263Kb / 15P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
08-Feb-17
DG411L VISHAY-DG411L_V01 Datasheet
240Kb / 15P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
08-Feb-17
DG411L VISHAY-DG411L_11 Datasheet
180Kb / 14P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. F, 07-Feb-11
DG411L VISHAY-DG411L Datasheet
76Kb / 9P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. C, 26-Aug-02
DG441L VISHAY-DG441L_11 Datasheet
202Kb / 14P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 30-May-11
DG441L VISHAY-DG441L Datasheet
115Kb / 10P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. D, 17-Mar-03
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com