Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOX924B-12.288 Datasheet(PDF) 2 Page - Fox Electronics

Part # FOX924B-12.288
Description  3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FOX924B-12.288 Datasheet(HTML) 2 Page - Fox Electronics

  FOX924B-12.288 Datasheet HTML 1Page - Fox Electronics FOX924B-12.288 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2007 FOX ELECTRONICS | ISO9001:2000 Certified
3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
3.3V Ultra Miniatrure SMD HCMOS TCXO/VCTCXO
Rev. 5/8/2007
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: FOX924 SERIES
Page 2 of 2
• TAPE SPECIFICATIONS (millimeters)
MODEL
FOX924
A
∅1.5
B
4.0
C
8.0
D
5.5
E
12.0
F
1.7
STD Reel QTY
2,000
• REEL SPECIFICATIONS (millimeters)
G
2.0
H
∅13
I
∅21
J
∅80
K
∅254
L
13.5
M
2.0
MODEL
FOX924


Similar Part No. - FOX924B-12.288

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX924B-12.288 FOX-FOX924B-12.288 Datasheet
120Kb / 3P
   3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
More results

Similar Description - FOX924B-12.288

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX924B-19.440 FOX-FOX924B-19.440 Datasheet
118Kb / 2P
   3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
FOX924 FOX-FOX924 Datasheet
95Kb / 2P
   3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
FOX924B-12288 FOX-FOX924B-12288 Datasheet
118Kb / 2P
   3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
FOX923CH FOX-FOX923CH Datasheet
156Kb / 1P
   3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
FOX924B-20 FOX-FOX924B-20 Datasheet
120Kb / 3P
   3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
FOX331 FOX-FOX331 Datasheet
238Kb / 2P
   3.3V SMD Stratum III HCMOS TCXO/VCTCXO
FOX331AR FOX-FOX331AR Datasheet
359Kb / 2P
   3.3V SMD Stratum III HCMOS TCXO/VCTCXO
FOX351 FOX-FOX351 Datasheet
519Kb / 1P
   Ultra Miniature SMD HCMOS TCXO
FOX914 FOX-FOX914_09 Datasheet
170Kb / 1P
   3.0V Ultra Miniature SMD TCXO/VCTCXO
FOX914 FOX-FOX914 Datasheet
70Kb / 1P
   3.0V ULTRA MINIATURE SMD TCXO/VCTCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com