Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD500R-50SE Datasheet(PDF) 10 Page - Advanced Linear Devices

Part # ALD500R-50SE
Description  PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD500R-50SE Datasheet(HTML) 10 Page - Advanced Linear Devices

Back Button ALD500R-50SE Datasheet HTML 4Page - Advanced Linear Devices ALD500R-50SE Datasheet HTML 5Page - Advanced Linear Devices ALD500R-50SE Datasheet HTML 6Page - Advanced Linear Devices ALD500R-50SE Datasheet HTML 7Page - Advanced Linear Devices ALD500R-50SE Datasheet HTML 8Page - Advanced Linear Devices ALD500R-50SE Datasheet HTML 9Page - Advanced Linear Devices ALD500R-50SE Datasheet HTML 10Page - Advanced Linear Devices ALD500R-50SE Datasheet HTML 11Page - Advanced Linear Devices ALD500R-50SE Datasheet HTML 12Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Advanced Linear Devices
ALD500RAU/ALD500RA/ALD500R
APPLICATIONS AND DESIGN NOTES
Determination and Selection of System Variables
The procedure outlined below allows the user to determine the
values for the following ALD500RAU/ALD500RA/ALD500R
system design variables:
(1) Determine Input Voltage Range
(2) Clock Frequency and Resolution Selection
(3) Input Integration Phase Timing
(4) Integrator Timing Components (RINT, CINT)
(5) Auto Zero and Reference Capacitors
(6) Voltage Reference
System Timing
Figure 3 and Figure 4 show the overall timing for a typical
system in which ALD500RAU/ALD500RA/ALD500R is
interfaced to a microcontroller. The microcontroller drives the
A, B inputs with I/O lines and monitors the comparator output,
COUT, using an I/O line or dedicated timer-capture control pin.
It may be necessary to monitor the state of the comparator
output in addition to having it control a timer directly during the
Reference Deintegration Phase.
There are four critical timing events:
sampling the input
polarity; capturing the deintegration time; minimizing overshoot
and properly executing the Integrator Output Zero Phase.
Selecting Input Integration Time
For maximum 50/60 cycle noise rejection, Input Integration
Time must be picked as a multiple of the period of line
frequency. For example, tINT times of 33msec, 66msec and
100 msec maximize 60Hz line rejection, and 20msec, 40
msec, 80msec, and 100 msec maximize 50Hz line rejection.
Note that tINT of 100 msec maximizes both 60 Hz and 50Hz
line rejection.
INT and DINT Phase Timing
The duration of the Reference Deintegrate Phase (DINT) is a
function of the amount of voltage charge stored on the
integrator capacitor during INT phase, and the value of VREF.
The DINT phase must be initiated immediately following INT
phase and terminated when an integrator output zero-crossing
is detected.
In general, the maximum number of counts
chosen for DINT phase is twice to three times that of INT phase
with VREF chosen as a maximum voltage relative to VIN. For
example, VREF = VIN(max)/2 would be a good reference
voltage.
Integrating Resistor (RINT )
The desired full-scale input voltage and amplifier output
current capability determine the value of RINT. The buffer and
integrator amplifiers each have a full-scale current of 20
µA.
The value of RINT is therefore directly calculated as follows:
RINT
=VIN MAX / 20 µA
where:
VIN MAX = Maximum input voltage desired
(full count voltage)
RINT
= Integrating Resistor value
For minimum noise and maximum linearity, RINT should be in
the range of between 50k
Ω to 150kΩ .
Integrating Capacitor (CINT)
The integrating capacitor should be selected to maximize
integrator output voltage swing VINT, for a given integration
time, without output level saturation. For +/-5V supplies,
recommended VINT range is between +/- 3 Volt to +/-4 Volt.
Using the 20
µA buffer maximum output current, the value of
the integrating capacitor is calculated as follows:
CINT = (tINT) . (20 x 10
-6) / VINT
where: tINT
=
Input Integration Phase Period
VINT =
Maximum integrator output
voltage swing
It is critical that the integrating capacitor must have a very low
dielectric absorption, as charge loss or gain during conversion
directly converts into an error voltage. Polypropylene capacitors
are recommended while Polyester and Polybicarbonate
capacitors may also be used in less critical applications.
Reference (CREF) and Auto Zero (CAZ) Capacitors
CREF and CAZ must be low leakage capacitors (e.g.
polypropylene types). The slower the conversion rate, the
larger the value CREF must be. Recommended capacitor
values for CREF and CAZ are equal to CINT. Larger values for
CAZ and CREF may also be used to limit roll-over errors.
Calculate VREF
The reference deintegration voltage is calculated using:
VREF = (VINT) . (CINT) . (RINT) / 2(tINT)
The ALD500RAU/ALD500RA/ALD500R requires an external
RREF in order to operate properly. This RREF should be a 1%
metal film 100K
Ω resistor, 50 ppm/C. Any other loading must
be high impedance (
≥100MΩ).
Converter Noise
The converter noise is the total algebraic sum of the integrator
noise and the comparator noise. This value is typically 14
µV
peak to peak. The higher the value of the reference voltage,
the lower the converter noise. Such sources of noise errors
can be reduced by increased integration times, which effectively
filter out any such noise. If the integration time periods are
selected as multiples of 50/60Hz frequencies, then 50/60Hz
noise is also rejected, or averaged out. The signal-to-noise
ratio is related to the integration time (tINT) and the integration
time constant (RINT) (CINT) as follows:
S/N (dB) = 20 Log ((VINT / 14 x 10
-6) . tINT /(RINT . CINT))
This converter noise can also be reduced by using multiple
samples and mathematically averaged. For example, taking
16 samples and averaging the readings result in a mathematical
(by software) filtering of noise to less than 4
µV.


Similar Part No. - ALD500R-50SE

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD500R-50SE ADL-ALD500R-50SE Datasheet
75Kb / 12P
   PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCEs
1999
More results

Similar Description - ALD500R-50SE

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD500RAU ADL-ALD500RAU Datasheet
75Kb / 12P
   PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCEs
1999
logo
Advanced Linear Devices
ALD500AU ALD-ALD500AU Datasheet
88Kb / 11P
   PRECISION INTEGRATING ANALOG PROCESSOR
logo
ADL Embedded Solutions
ALD500 ADL-ALD500 Datasheet
70Kb / 11P
   PRECISION INTEGRATING ANALOG PROCESSOR
1999
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com