Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ULN2003L Datasheet(PDF) 2 Page - Allegro MicroSystems

Part No. ULN2003L
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ULN2003L Datasheet(HTML) 2 Page - Allegro MicroSystems

  ULN2003L Datasheet HTML 1Page - Allegro MicroSystems ULN2003L Datasheet HTML 2Page - Allegro MicroSystems ULN2003L Datasheet HTML 3Page - Allegro MicroSystems ULN2003L Datasheet HTML 4Page - Allegro MicroSystems ULN2003L Datasheet HTML 5Page - Allegro MicroSystems ULN2003L Datasheet HTML 6Page - Allegro MicroSystems ULN2003L Datasheet HTML 7Page - Allegro MicroSystems ULN2003L Datasheet HTML 8Page - Allegro MicroSystems ULN2003L Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2003 THRU 2024
HIGH-VOLTAGE,
HIGH-CURRENT
DARLINGTON ARRAYS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
V
CE(MAX)
50 V
95 V
I
C(MAX)
500 mA500 mA
Logic
Part Number
5V
ULN2003A*
ULN2023A*
TTL, CMOS
ULN2003L*
ULN2023L
6-15 V
ULN2004A*
ULN2024A
CMOS, PMOS
ULN2004L*
ULN2024L
* Also available for operation between -40
°C and +85°C. To order, change
prefix from “ULN” to “ULQ”.
Dwg. No. A-9651
COM
7.2K
3K
2.7K
X = Digit to identify specific device. Specification shown applies to family of
devices with remaining digits as shown. See matrix above.
Copyright © 1974, 1998 Allegro MicroSystems, Inc.
Dwg. No. A-9898A
ULN20x4A/L (Each Driver)
COM
7.2K
3K
10.5K
50
75
100
125
150
2.5
0.5
0
AMBIENT TEMPERATURE IN
°C
2.0
1.5
1.0
25
SUFFIX 'L', R
= 90
°C/W
θJA
Dwg. GP-006A
SUFFIX 'A', R
= 60
°C/W
θJA
ULN20x3A/L (Each Driver)
DEVICE PART NUMBER DESIGNATION
PARTIAL SCHEMATICS


Similar Part No. - ULN2003L

ManufacturerPart No.DatasheetDescription
Allegro MicroSystems
Allegro MicroSystems
ULN2003L ALLEGRO-ULN2003L Datasheet
316Kb / 11P
   High Voltage High Current Darlington Arrays
October 28, 2005
List of Unclassifed Manufacturers
List of Unclassifed Man...
ULN2003L ETC1-ULN2003L Datasheet
749Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
Allegro MicroSystems
Allegro MicroSystems
ULN2003L ALLEGRO-ULN2003L Datasheet
182Kb / 10P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
Unisonic Technologies
Unisonic Technologies
ULN2003L-D16-T UTC-ULN2003L-D16-T Datasheet
328Kb / 10P
   7CH DARLINGTON SINK DRIVER
ULN2003L-D16-T UTC-ULN2003L-D16-T Datasheet
391Kb / 10P
   7CH DARLINGTON SINK DRIVER
More results

Similar Description - ULN2003L

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
UNL2803 ETC2-UNL2803 Datasheet
219Kb / 5P
   High-Voltage, High-Current Darlington Arrays
Allegro MicroSystems
Allegro MicroSystems
A2001 ALLEGRO-A2001 Datasheet
316Kb / 11P
   High Voltage High Current Darlington Arrays
October 28, 2005
First Components International
First Components Intern...
ULN2003 FCI-ULN2003 Datasheet
268Kb / 5P
   High-Voltage, High - Current Darlington Arrays
Leshan Radio Company
Leshan Radio Company
LR2003A LRC-LR2003A Datasheet
289Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
First Components International
First Components Intern...
ULN2803 FCI-ULN2803 Datasheet
235Kb / 5P
   High-Voltage,High-Current Darlington Arrays
List of Unclassifed Manufacturers
List of Unclassifed Man...
ULN2001A ETC1-ULN2001A Datasheet
749Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
Leshan Radio Company
Leshan Radio Company
LR2001A LRC-LR2001A Datasheet
291Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
Allegro MicroSystems
Allegro MicroSystems
2803 ALLEGRO-2803 Datasheet
166Kb / 10P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
A2803 ALLEGRO-A2803 Datasheet
272Kb / 11P
   High Voltage High Current Darlington Arrays
October 28, 2005
ULX2803 ALLEGRO-ULX2803 Datasheet
281Kb / 10P
   High Voltage High Current Darlington Arrays
October 31, 2005
Leshan Radio Company
Leshan Radio Company
LR2002A LRC-LR2002A Datasheet
280Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz