Electronic Components Datasheet Search |
|
TPSD107M025R0100 Datasheet(PDF) 11 Page - AVX Corporation |
|
TPSD107M025R0100 Datasheet(HTML) 11 Page - AVX Corporation |
11 / 11 page TPS Series Low ESR RATINGS & PART NUMBER REFERENCE Rated DCL DF ESR 100kHz RMS Current (A) 100kHz RMS Voltage (V) AVX Case Capacitance Voltage (μA) % Max. (mΩ) MSL Part No. Size (μF) (V) Max. Max. @100kHz 25ºC 85ºC 125ºC 25ºC 85ºC 125ºC TPSC474*050#2300 C 0.47 50 0.5 4 2300 1 0.219 0.197 0.087 0.503 0.453 0.201 TPSC105*050#2500 C 1 50 0.5 4 2500 1 0.210 0.189 0.084 0.524 0.472 0.210 TPSC155*050#1500 C 1.5 50 0.8 6 1500 1 0.271 0.244 0.108 0.406 0.366 0.162 TPSC155*050#2000 C 1.5 50 0.8 6 2000 1 0.235 0.211 0.094 0.469 0.422 0.188 TPSD225*050#1200 D 2.2 50 1.1 6 1200 1 0.354 0.318 0.141 0.424 0.382 0.170 TPSD335*050#0800 D 3.3 50 1.7 6 800 1 0.433 0.390 0.173 0.346 0.312 0.139 TPSD475*050#0300 D 4.7 50 2.4 6 300 1 0.707 0.636 0.283 0.212 0.191 0.085 TPSD475*050#0500 D 4.7 50 2.4 6 500 1 0.548 0.493 0.219 0.274 0.246 0.110 TPSD475*050#0700 D 4.7 50 2.4 6 700 1 0.463 0.417 0.185 0.324 0.292 0.130 TPSD685*050#0200 D 6.8 50 3.4 6 200 1 0.866 0.779 0.346 0.173 0.156 0.069 TPSD685*050#0300 D 6.8 50 3.4 6 300 1 0.707 0.636 0.283 0.212 0.191 0.085 TPSD685*050#0500 D 6.8 50 3.4 6 500 1 0.548 0.493 0.219 0.274 0.246 0.110 TPSD685*050#0600 D 6.8 50 3.4 6 600 1 0.500 0.450 0.200 0.300 0.270 0.120 TPSE106*050#0250 E 10 50 5 6 250 1 1) 0.812 0.731 0.325 0.203 0.183 0.081 TPSE106*050#0300 E 10 50 5 6 300 1 1) 0.742 0.667 0.297 0.222 0.200 0.089 TPSE106*050#0400 E 10 50 5 6 400 1 1) 0.642 0.578 0.257 0.257 0.231 0.103 TPSE106*050#0500 E 10 50 5 6 500 1 1) 0.574 0.517 0.230 0.287 0.259 0.115 TPSE156*050#0250 E 15 50 7.5 6 250 1 1) 0.812 0.731 0.325 0.203 0.183 0.081 TPSV156*050#0250 V 15 50 7.5 6 250 1 1) 1.000 0.900 0.400 0.250 0.225 0.100 11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3. Moisture Sensitivity Level (MSL) is defined according to J-STD-020. All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting. For typical weight and composition see page 124. NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. 40 |
Similar Part No. - TPSD107M025R0100 |
|
Similar Description - TPSD107M025R0100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |