Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL132K0XNHV031 Datasheet(PDF) 10 Page - SPANSION

Part # S25FL132K0XNHV031
Description  CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O Industrial and Automotive Temperature
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL132K0XNHV031 Datasheet(HTML) 10 Page - SPANSION

Back Button S25FL132K0XNHV031 Datasheet HTML 6Page - SPANSION S25FL132K0XNHV031 Datasheet HTML 7Page - SPANSION S25FL132K0XNHV031 Datasheet HTML 8Page - SPANSION S25FL132K0XNHV031 Datasheet HTML 9Page - SPANSION S25FL132K0XNHV031 Datasheet HTML 10Page - SPANSION S25FL132K0XNHV031 Datasheet HTML 11Page - SPANSION S25FL132K0XNHV031 Datasheet HTML 12Page - SPANSION S25FL132K0XNHV031 Datasheet HTML 13Page - SPANSION S25FL132K0XNHV031 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
10
S25FL132K and S25FL164K
S25FL132K_164K_00_03 October 16, 2013
Data
Sheet
(Pre limin ar y)
2.
General Description
The S25FL132K and S25FL164K of non-volatile flash memory devices connect to a host system via a Serial
Peripheral Interface (SPI). Traditional SPI single bit serial input and output (SIngle I/O or SIO) is supported as
well as optional two bit (Dual I/O or DIO) and four bit (Quad I/O or QIO) serial protocols. This multiple width
interface is called SPI Multi-I/O or MIO.
The SPI-MIO protocols use only 4 to 6 signals:
 Chip Select (CS#)
 Serial Clock (CLK)
 Serial Data
– IO0 (SI)
– IO1 (SO)
– IO2 (WP#)
– IO3 (HOLD#)
The SIO protocol uses Serial Input (SI) and Serial Output (SO) for data transfer. The DIO protocols use IO0
and IO1 to input or output two bits of data in each clock cycle.
The Write Protect (WP#) input signal option allows hardware control over data protection. Software controlled
commands can also manage data protection.
The HOLD# input signal option allows commands to be suspended and resumed on any clock cycle.
The QIO protocols use all of the data signals (IO0 to IO3) to transfer 4 bits in each clock cycle. When the QIO
protocols are enabled the WP# and HOLD# inputs and features are disabled.
Clock frequency of up to 108 MHz is supported, allowing data transfer rates up to:
 Single bit data path = 13.5 Mbytes/s
 Dual bit data path = 27 Mbytes/s
 Quad bit data path = 54 Mbytes/s
Executing code directly from flash memory is often called eXecute-In-Place or XIP. By using S25FL132K and
S25FL164K devices at the higher clock rates supported, with QIO commands, the command read transfer
rate can match or exceed traditional x8 or x16 parallel interface, asynchronous, NOR flash memories, while
reducing signal count dramatically. The Continuous Read Mode allows for random memory access with as
few as 8-clocks of overhead for each access, providing efficient XIP operation. The Wrapped Read mode
provides efficient instruction or data cache refill via a fast read of the critical byte that causes a cache miss,
followed by reading all other bytes in the same cache line in a single read command.
The S25FL132K and S25FL164K:
 Support JEDEC standard manufacturer and device type identification.
 Program pages of 256 bytes each. One to 256 bytes can be programmed in each Page Program operation.
Pages can be erased in groups of 16 (4-kB aligned sector erase), groups of 256 (64-kB aligned block
erase), or the entire chip (chip erase).
 The S25FL1-K devices operate on a single 2.7V to 3.6V power supply and all devices are offered in space-
saving packages.
 Provides an ideal storage solution for systems with limited space, signal connections, and power. These
memories offer flexibility and performance well beyond ordinary serial flash devices. They are ideal for
code shadowing to RAM, executing code directly (XIP), and storing reprogrammable data.


Similar Part No. - S25FL132K0XNHV031

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL116K SPANSION-S25FL116K Datasheet
2Mb / 79P
   16-Mbit CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O and Industrial and Automotive Temperature
logo
Cypress Semiconductor
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
logo
SPANSION
S25FL116K0XBFI010 SPANSION-S25FL116K0XBFI010 Datasheet
2Mb / 79P
   16-Mbit CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O and Industrial and Automotive Temperature
S25FL116K0XBFI011 SPANSION-S25FL116K0XBFI011 Datasheet
2Mb / 79P
   16-Mbit CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O and Industrial and Automotive Temperature
S25FL116K0XBFI013 SPANSION-S25FL116K0XBFI013 Datasheet
2Mb / 79P
   16-Mbit CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O and Industrial and Automotive Temperature
More results

Similar Description - S25FL132K0XNHV031

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL116K SPANSION-S25FL116K Datasheet
2Mb / 79P
   16-Mbit CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O and Industrial and Automotive Temperature
S25FL128S SPANSION-S25FL128S Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL512S SPANSION-S25FL512S Datasheet
5Mb / 143P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL128SAGMFIR01 SPANSION-S25FL128SAGMFIR01 Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL128SDPMFIG11 SPANSION-S25FL128SDPMFIG11 Datasheet
5Mb / 153P
   MirrorBit Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL512SAGBHI313 SPANSION-S25FL512SAGBHI313 Datasheet
1Mb / 140P
   512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
logo
Cypress Semiconductor
S25FS128S CYPRESS-S25FS128S Datasheet
4Mb / 151P
   1.8 V, Serial Peripheral Interface with Multi-I/O, MirrorBit짰 Non-Volatile Flash
logo
SPANSION
S25FL128SAGMFI001 SPANSION-S25FL128SAGMFI001 Datasheet
5Mb / 153P
   CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL256SAGMFI000 SPANSION-S25FL256SAGMFI000 Datasheet
5Mb / 153P
   MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com