Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZY2R200A001A00 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # TZY2R200A001A00
Description  Ceramic Trimmer Capacitors
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZY2R200A001A00 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  TZY2R200A001A00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TZY2R200A001A00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TZY2R200A001A00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TZY2R200A001A00 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TZY2R200A001A00 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TZY2R200A001A00 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TZY2R200A001A00 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TZY2R200A001A00 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TZY2R200A001A00 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
3
Height 0.90mm max.
1.5(W)x1.7(L)
TZR1
Height 3.20mm max.
4.0(W)x4.5(L)
Height 3.20mm max.
4.0(W)x4.5(L)
Height 1.00mm max.
2.2(W)x2.7(L)
TZS2
Height 1.25mm max.
2.5(W)x3.2(L)
TZY2
Height 1.45mm max.
2.3(W)x3.2(L)
TZV2
Height 3.20mm max.
4.0(W)x4.5(L)
TZB4_AA
TZB4_EA
TZB4_BA
Height 1.70mm max.
3.2(W)x4.5(L)
(Minus Slot)
TZC3
(Plus Slot)
TZC3
Height 1.80mm max.
3.2(W)x4.5(L)
TZB4_AB
TZB4_BB
Bulk
TZB4_EB
TZB4_C
Height 5.30mm max.
6.0(W) 6.0(L)
TZ03_Y
TZB4_D
Height 7.70mm max.
7.0(W)x7.5(L)
Height 6.60mm max.
6.0(W)x6.0(L)
TZ03_T
TZ03_E
TZ03_N
TZ03_F
TZ03_B
Start
Insertion
Method
Soldering
Method
Mounting
Method
Surface Mount
Insertion to PCB
Reflow
Flow
Manual Insertion
Autmatic Insertion
Selection Guide of CeramicTrimmer Capacitor
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
T13E7.pdf 02.3.26


Similar Part No. - TZY2R200A001A00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZY2R200A001 MURATA-TZY2R200A001 Datasheet
1Mb / 44P
   Selection Guide of Ceramic Trimmer Capacitors
Aug.10,2012
TZY2R200A001 MURATA-TZY2R200A001 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200A001B00 MURATA-TZY2R200A001B00 Datasheet
198Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
logo
Murata Manufacturing Co...
TZY2R200A001B00 MURATA1-TZY2R200A001B00 Datasheet
271Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
TZY2R200A001B00 MURATA1-TZY2R200A001B00_V01 Datasheet
271Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
More results

Similar Description - TZY2R200A001A00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
Vatronics Technologies ...
VCT6S VATRONICS-VCT6S Datasheet
67Kb / 2P
   Ceramic Trimmer Capacitors 6mm
VCT VATRONICS-VCT Datasheet
64Kb / 2P
   Ceramic Trimmer Capacitors 7mm
VCT5N VATRONICS-VCT5N Datasheet
63Kb / 1P
   Ceramic Trimmer Capacitors 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com