Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDA-3-4 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # MDA-3-4
Description  MDA Series, Time Delay, Ceramic Tube
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

MDA-3-4 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  MDA-3-4 Datasheet HTML 1Page - Cooper Bussmann, Inc. MDA-3-4 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CURRENT IN AMPERES
CURRENT IN AMPERES
TIME CURRENT CURVE
1/4" x 1-1/4" Fuses
MDA Series, Time Delay, Ceramic Tube
Visit us on the Web at www.cooperET.com
3601 Quantum Boulevard Boynton Beach, Florida 33426-8638
Tel: +1-561-752-5000 Toll Free: +1-888-414-2645 Fax: +1-561-742-1178
This bulletin is intended to present product design solutions and technical information that will help the end user with design applications. Cooper
Electronic Technologies reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of
any products. Cooper Electronic Technologies also reserves the right to change or update, without notice, any technical information contained in this
bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
OC-2545 10/01
© Cooper Electronic
Technologies 2001
PACKAGING CODE
Packaging Code
Description
BK
100 pieces of fuses packed into a cardboard carton with flaps folded
BK1
1,000 pieces of fuses packed into a cardboard carton with flaps folded
BK8
8,000 pieces of fuses packed into a cardboard carton with flaps folded
OPTION CODE
Option Code
Description
B
Board Washable - Hermetically sealed to withstand aqueous cleaning
V
Axial leads - brass overcaps with copper and nickel flash, plated in tin lead


Similar Part No. - MDA-3-4

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
MDA-3-R COOPER-MDA-3-R Datasheet
280Kb / 2P
   1/4? x 1 1/4? Ceramic Tube Fuses
logo
Eaton All Rights Reserv...
MDA-3-R EATON-MDA-3-R Datasheet
344Kb / 2P
   Time-delay ceramic tube fuses
More results

Similar Description - MDA-3-4

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ADKC BEL-0ADKC Datasheet
1Mb / 4P
   TIME DELAY CERAMIC TUBE FUSE SERIES
logo
Eaton All Rights Reserv...
MDA EATON-MDA Datasheet
344Kb / 2P
   Time-delay ceramic tube fuses
logo
Cooper Bussmann, Inc.
S505-2-R COOPER-S505-2-R Datasheet
380Kb / 2P
   5 x 20mm Time-Delay, Ceramic Tube Fuses
S505-500-R COOPER-S505-500-R Datasheet
379Kb / 2P
   5 x 20mm Time-Delay, Ceramic Tube Fuses
BK-MDL-3 COOPER-BK-MDL-3 Datasheet
267Kb / 2P
   Time-Delay, Glass Tube Fuses
logo
Eaton All Rights Reserv...
S505 EATON-S505 Datasheet
510Kb / 4P
   5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
S505SC EATON-S505SC Datasheet
1Mb / 6P
   5 x 20 mm Time-delay, axial lead ceramic tube fuses
logo
Cooper Bussmann, Inc.
S506-4-R COOPER-S506-4-R Datasheet
304Kb / 2P
   5 x 20mm Fuses S506 Series, Time-Delay, Glass Tube
BK-GMD-200MA COOPER-BK-GMD-200MA Datasheet
447Kb / 2P
   5 x 20mm Fuses GMD Series,Time-Delay, Glass Tube
C519-125-R COOPER-C519-125-R Datasheet
293Kb / 2P
   5 x 15mm Time-Delay Glass Tube Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com