Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD500RA-10QE Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD500RA-10QE
Description  PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD500RA-10QE Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD500RA-10QE Datasheet HTML 1Page - Advanced Linear Devices ALD500RA-10QE Datasheet HTML 2Page - Advanced Linear Devices ALD500RA-10QE Datasheet HTML 3Page - Advanced Linear Devices ALD500RA-10QE Datasheet HTML 4Page - Advanced Linear Devices ALD500RA-10QE Datasheet HTML 5Page - Advanced Linear Devices ALD500RA-10QE Datasheet HTML 6Page - Advanced Linear Devices ALD500RA-10QE Datasheet HTML 7Page - Advanced Linear Devices ALD500RA-10QE Datasheet HTML 8Page - Advanced Linear Devices ALD500RA-10QE Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ALD500RAU/ALD500RA/ALD500R
Advanced Linear Devices
3
e. Very high resolution, high accuracy measurements
can be achieved simply and at very low cost.
An inherent benefit of the dual slope converter system is noise
immunity. The input noise spikes are integrated (averaged to
near zero) during the integration periods. Integrating ADCs
are immune to the large conversion errors that plague
successive approximation converters and other high resolution
converters and perform very well in high-noise environments.
The slow conversion speed of the integrating converter provides
inherent noise rejection with at least a 20dB/decade attenuation
rate. Interference signals with frequencies at integral multiples
of the integration period are, theoretically, completely removed.
Integrating converters often establish the integration period to
reject 50/60Hz line frequency interference signals.
The relationship of the integrate and deintegrate (charge
and discharge) of the integrating capacitor values are
shown below:
VINT = VX - (VIN . tINT / RINT . CINT)
(integrate cycle)
(1)
VX = VINT - (VREF . tDINT / RINT . CINT)
(deintegrate cycle)
(2)
Combining equations 1 and 2 results in:
VIN / VREF = -tDINT / tINT
(3)
where:
Vx
= An offset voltage used as starting voltage
VINT = Voltage change across CINT during tINT and
during tDINT (equal in magnitude)
VIN = Average, or an integrated, value of input voltage
to be measured during tINT (Constant VIN)
tINT = Fixed time period over which unknown voltage is
integrated
tDINT = Unknown time period over which a known
Figure 2. Basic Dual-Slope Converter
reference voltage is integrated
VREF = Reference Voltage
CINT = Integrating Capacitor value
RINT = Integrating Resistor value
Actual data conversion is accomplished in two phases: Input
Signal Integration Phase and Reference Voltage Deintegration
Phase.
The integrator output is initialized to 0V prior to the start of
Input Signal Integration Phase. During Input Signal Integration
Phase, internal analog switches connect VIN to the buffer
input where it is maintained for a fixed integration time period
(tINT). This fixed integration period is generally determined by
a digital counter
controlled by a crystal oscillator. The
application of VIN causes the integrator output to depart 0V at
a rate determined by VIN and a direction determined by the
polarity of VIN.
The Reference Voltage Deintegration Phase is initiated
immediately after tINT, within 1 clock cycle.
During
ReferenceVoltage Deintegration Phase, internal analog
switches connect a reference voltage having a polarity opposite
that of VIN to the integrator input. Simultaneously the same
digital counter controlled by the same crystal oscillator used
above is used to start counting clock pulses. The Reference
Voltage Deintegration Phase is maintained until the comparator
output inside the dual slope analog processor changes state,
indicating the integrator has returned to 0V. At that point the
digital counter is stopped. The Deintegration time period
(tDINT), as measured by the digital counter, is directly
proportional to the magnitude of the applied input voltage.
After the digital counter value has been read, the digital
counter, the integrator, and the auto zero capacitor are all
reset to zero through an Integrator Zero Phase and an Auto
Zero Phase so that the next conversion can begin again. In
practice, this process is usually automated so that analog-to-
digital conversion is continuously updated. The digital control
is handled by a microprocessor or a dedicated logic controller.
The output, in the form of a binary serial word, is read by a
microprocessor or a display adapter when desired.
S1
CINT
VINT
RINT
SWITCH DRIVER
CONTROL
LOGIC
POLARITY CONTROL
REF
SWITCHES
INTEGRATOR
COMPARATOR
PHASE
CONTROL
ANALOG
INPUT
(VIN)
VIN
≈ VFULL SCALE
VIN
≈ 1/2VFULL SCALE
tINT
tDINT
VINT = 4.1V MAX
AB
+
+
-
-
MICROCONTROLLER
(CONTROL LOGIC
+ COUNTER)
VOLTAGE
REFERENCE
COUT
POLARITY
DETECTION
Vx ≈ 0
tDINT


Similar Part No. - ALD500RA-10QE

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD500RA-10QE ADL-ALD500RA-10QE Datasheet
75Kb / 12P
   PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCEs
1999
More results

Similar Description - ALD500RA-10QE

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD500RAU ADL-ALD500RAU Datasheet
75Kb / 12P
   PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCEs
1999
logo
Advanced Linear Devices
ALD500AU ALD-ALD500AU Datasheet
88Kb / 11P
   PRECISION INTEGRATING ANALOG PROCESSOR
logo
ADL Embedded Solutions
ALD500 ADL-ALD500 Datasheet
70Kb / 11P
   PRECISION INTEGRATING ANALOG PROCESSOR
1999
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com