Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP330MUTBG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP330MUTBG
Description  Soft-Start Controlled Load Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP330MUTBG Datasheet(HTML) 8 Page - ON Semiconductor

  NCP330MUTBG Datasheet HTML 1Page - ON Semiconductor NCP330MUTBG Datasheet HTML 2Page - ON Semiconductor NCP330MUTBG Datasheet HTML 3Page - ON Semiconductor NCP330MUTBG Datasheet HTML 4Page - ON Semiconductor NCP330MUTBG Datasheet HTML 5Page - ON Semiconductor NCP330MUTBG Datasheet HTML 6Page - ON Semiconductor NCP330MUTBG Datasheet HTML 7Page - ON Semiconductor NCP330MUTBG Datasheet HTML 8Page - ON Semiconductor NCP330MUTBG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NCP330
http://onsemi.com
8
FUNCTIONAL DESCRIPTION
Overview
The NCP330 is a high side N−channel MOSFET power
distribution switch designed to connect external voltage
directly to the system. The high side MOSFET is
automatically turned on if the Vin voltage is applied thanks
to internal pull up connected between Vin and EN pin. The
turned off is obtained by Vin removal. Due to the soft start
circuitry, NCP330 is able to limit large voltage surges.
Enable input
Enable pin is an active high. The part is off when Vin is not
present, limiting current consumption from battery to OUT
pin.
In the other side, the part is automatically turned on when
VIN is applied.
Blocking Control
The blocking control circuitry switches the bulk of the
power NMOS. When the part is off (No VIN or EN tied to
GND externally) , the body diode limits the leakage current
IREV from OUT to IN. In this mode, anode of the body diode
is connected to IN pin and cathode is connected to OUT pin.
In operating condition, anode of the body diode is connected
to OUT pin and cathode is connected to IN pin preventing
the discharge of the power supply.
Cin Capacitor
A IN capacitor, 1
mF, at least, capacitor must be placed as
close as possible the part to be Compliant with
IEC61000−4−2(Level 4).
Cout Capacitor
Depending on the sinking current during system start up
and system turn off, a capacitor must be placed on the output.
A 1
mF is strongly recommended but can be decreased down
to 100 nF if the above two sequences are well controlled and
parasitic inductance connected on the Vout line is negligible.
APPLICATION INFORMATION
Power Dissipation
The device’s junction temperature depends on different
contributor factor such as board layout, ambient
temperature, device environment, etc... Yet, the main
contributor in term of junction temperature is the power
dissipation of the power MOSFET. Assuming this, the
power dissipation and the junction temperature in normal
mode can be calculated with the following equations:
PD + RDS(on)
IOUT
2
PD
= Power dissipation (W)
RDS(on)
= Power MOSFET on resistance (
W)
IOUT
= Output current (A)
TJ + PD RqJA ) TA
TJ
= Junction temperature (
°C
RqJA
= Package thermal resistance (
°C/W)
TA
= Ambient temperature (
°C)
PCB Recommendations
The NCP330 integrates an up to 3 A rated NMOS FET,
and the PCB design rules must be respected to properly
evacuate the heat out of the silicon. The
mDFN4 PAD1 must
be connected to ground plane to increase the heat transfer if
necessary. By increasing PCB area, the RqJA of the package
can be decreased, allowing higher power dissipation
.
ORDERING INFORMATION
Device
Marking
Package
Shipping
NCP330MUTBG
3A
mDFN4, 1.2x1.6 mm
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCP330MUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP330MUTBG ONSEMI-NCP330MUTBG Datasheet
211Kb / 9P
   Soft-Start Controlled Load Switch
April, 2015 ??Rev. 2
More results

Similar Description - NCP330MUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP330 ONSEMI-NCP330 Datasheet
211Kb / 9P
   Soft-Start Controlled Load Switch
April, 2015 ??Rev. 2
NCP340MUTBG ONSEMI-NCP340MUTBG Datasheet
245Kb / 9P
   Soft-Start Controlled Load Switch
June, 2013 ??Rev. 0
NCP331 ONSEMI-NCP331 Datasheet
119Kb / 8P
   Soft-Start Controlled Load Switch with Auto Discharge
November, 2013 ??Rev. 1
logo
Anpec Electronics Corop...
APL3538 ANPEC-APL3538 Datasheet
184Kb / 16P
   Ultra-LowOn-Resistance, 6A Dual Load Switch with Soft Start
APL3526 ANPEC-APL3526 Datasheet
208Kb / 14P
   Ultra-Low On-Resistance, 6A Load Switch with Soft Start
APL3533 ANPEC-APL3533 Datasheet
600Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3523A ANPEC-APL3523A Datasheet
609Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3523 ANPEC-APL3523 Datasheet
600Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
logo
Rohm
BD2068FJ-M ROHM-BD2068FJ-M Datasheet
1Mb / 25P
   Soft-Start Circuit
logo
Festo Corporation.
529521 FESTO-529521 Datasheet
85Kb / 2P
   Soft start valve
3/31/22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com