Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM16P2024S30-50 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # PM16P2024S30-50
Description  POWERPOLE&MULTIPOLE
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PM16P2024S30-50 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button PM16P2024S30-50 Datasheet HTML 7Page - List of Unclassifed Manufacturers PM16P2024S30-50 Datasheet HTML 8Page - List of Unclassifed Manufacturers PM16P2024S30-50 Datasheet HTML 9Page - List of Unclassifed Manufacturers PM16P2024S30-50 Datasheet HTML 10Page - List of Unclassifed Manufacturers PM16P2024S30-50 Datasheet HTML 11Page - List of Unclassifed Manufacturers PM16P2024S30-50 Datasheet HTML 12Page - List of Unclassifed Manufacturers PM16P2024S30-50 Datasheet HTML 13Page - List of Unclassifed Manufacturers PM16P2024S30-50 Datasheet HTML 14Page - List of Unclassifed Manufacturers PM16P2024S30-50 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 108 page
background image
www.andersonpower.com - 9 -
All Data Subject To Change Without Notice
| Preventative Maintenance |
Damaged connectors, contacts and cables may present hazards, resulting in inefficient battery and charger operation.
To avoid these problems, conduct the following maintenance checks at least once annually. When you see a problem,
take corrective action immediately.
1. Dirty Connectors
When engaged and disengaged, the contact surfaces of Anderson SB® Connectors “over wipe,” thus providing
a self cleaning action. To ensure the continued benefit of this feature, clean the contact surfaces and lubricate
the connector. Use a “white” lithium grease, which may be obtained from hardware stores and automotive parts
suppliers.
2. Melting Connectors
Connector housings overheat and melt for many reasons. To prevent this:
A. Examine the crimp between cable and contact. Ensure the crimp tooling recommended by APP® has been
used. Improper crimping, corrosion, and broken wires result in unnecessary resistance causing the contact
to heat up.
B. Check contact surfaces for signs of “pitting” caused by dirt or disengaging connectors under load. One
badly pitted contact, particularly in a connector attached to a battery charger, can lead to pitting on surfaces
of other contacts. If not corrected, this can result in an epidemic of bad connectors throughout a fleet of electric
vehicles and in chargers and batteries.
C. Check to see if batteries are being disconnected while the charger is still on. This causes the contacts to arc
at the tips, resulting with progressive pitting and silver removal from tip to crown. If this practice is occurring,
discontinue it now to avoid major repairs in the future.
3. Other Conditions
If any of the following conditions exist, the connector housing, contact and/or cable should be replaced immediately.
A.
Housing: Cracks, missing pieces, evidence of excessive heat, discoloration. You may consider replacing the existing
housing with a Chemical Resistant equivalent for improved durability against UV rays and common solvents and
hydrocarbons.
B.
Contacts: Pitting, burns, corrosion, excessive wear, cracked crimp barrels,
discoloration.
C.
Cable: Exposed copper near housing, cracked cable, peeling or frayed insulation.
D.
Handles: Loose attachment and signs of damage as missing or loose hardware
and cracked or broken plastic (Handles should be used for connectors that are
hard to reach or move.)
E.
Cable Clamps: Loose attachments, signs of abraded cable jacket, missing
or loose hardware. (Cable clamps should be used to relieve strain on
unmounted cable.)
Uncrimped Good
Damaged
Contact
Contact
A
B


Similar Part No. - PM16P2024S30-50

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
PM16P2024S30-50 APP-PM16P2024S30-50 Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
More results

Similar Description - PM16P2024S30-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
   Powerpole Connectors PP75 up to 120 Amps
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
PP15-45 APP-PP15-45 Datasheet
1Mb / 13P
   PP15/45 series are the smallest Powerpole® housings.
REV C7
logo
ams AG
AS5306 AMSCO-AS5306_11 Datasheet
160Kb / 6P
   Magnetic Multipole Strip MS12-250 Pole Length 1.2mm, 250 Poles
AS5304 AMSCO-AS5304_13 Datasheet
375Kb / 7P
   Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com