Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2576 Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM2576
Description  3.0 A, 15 V, Step?묭own Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2576 Datasheet(HTML) 2 Page - ON Semiconductor

  LM2576 Datasheet HTML 1Page - ON Semiconductor LM2576 Datasheet HTML 2Page - ON Semiconductor LM2576 Datasheet HTML 3Page - ON Semiconductor LM2576 Datasheet HTML 4Page - ON Semiconductor LM2576 Datasheet HTML 5Page - ON Semiconductor LM2576 Datasheet HTML 6Page - ON Semiconductor LM2576 Datasheet HTML 7Page - ON Semiconductor LM2576 Datasheet HTML 8Page - ON Semiconductor LM2576 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LM2576
http://onsemi.com
2
Figure 1. Block Diagram and Typical Application
7.0 V − 40 V
Unregulated
DC Input
L1
100
mH
GN
D
+Vin
1
Cin
100
mF
3ON/OFF
5
Output
2
Feedback
4
D1
1N5822
Cout
1000
mF
Typical Application (Fixed Output Voltage Versions)
Representative Block Diagram and Typical Application
Unregulated
DC Input
+Vin
1
Cout
Feedback
4
Cin
L1
D1
R2
R1
1.0 k
Output
2
GND
3
ON/OFF
5
Reset
Latch
Thermal
Shutdown
52 kHz
Oscillator
1.235 V
Band−Gap
Reference
Freq
Shift
18 kHz
Comparator
Fixed Gain
Error Amplifier
Current
Limit
Driver
1.0 Amp
Switch
ON/OFF
3.1 V Internal
Regulator
Regulated
Output
Vout
Load
Output
Voltage Versions
3.3 V
5.0 V
12 V
15 V
R2
(
W)
1.7 k
3.1 k
8.84 k
11.3 k
For adjustable version
R1 = open, R2 = 0
W
LM2576
5.0 V Regulated
Output 3.0 A Load
This device contains 162 active transistors.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Maximum Supply Voltage
Vin
45
V
ON/OFF Pin Input Voltage
−0.3 V
≤ V ≤ +Vin
V
Output Voltage to Ground (Steady−State)
−1.0
V
Power Dissipation
Case 314B and 314D (TO−220, 5−Lead)
PD
Internally Limited
W
Thermal Resistance, Junction−to−Ambient
RqJA
65
°C/W
Thermal Resistance, Junction−to−Case
RqJC
5.0
°C/W
Case 936A (D2PAK)
PD
Internally Limited
W
Thermal Resistance, Junction−to−Ambient
RqJA
70
°C/W
Thermal Resistance, Junction−to−Case
RqJC
5.0
°C/W
Storage Temperature Range
Tstg
−65 to +150
°C
Minimum ESD Rating (Human Body Model: C = 100 pF, R = 1.5 k
W)
2.0
kV
Lead Temperature (Soldering, 10 seconds)
260
°C
Maximum Junction Temperature
TJ
150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.


Similar Part No. - LM2576

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM2576 TGS-LM2576 Datasheet
4Mb / 8P
   regulators are monolithic integrated circuits that provide all the active functions for a step-down switching
logo
ON Semiconductor
LM2576 ONSEMI-LM2576 Datasheet
417Kb / 26P
   EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
413Kb / 11P
   3A, 52kHz, Step-Down Switching Regulator
logo
Semtech Corporation
LM2576 SEMTECH-LM2576 Datasheet
441Kb / 19P
   1A & 3A Miniconverter Switching Regulators
More results

Similar Description - LM2576

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2576 ONSEMI-LM2576_06 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
logo
IK Semicon Co., Ltd
IL2576-XX IKSEMICON-IL2576-XX Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
LM2574 ONSEMI-LM2574_06 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
logo
IK Semicon Co., Ltd
IL2575-XX IKSEMICON-IL2575-XX Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
NCP3123 ONSEMI-NCP3123 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
logo
Texas Instruments
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com