Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM385B Datasheet(PDF) 9 Page - ON Semiconductor

Part # LM385B
Description  Micropower Voltage Reference Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM385B Datasheet(HTML) 9 Page - ON Semiconductor

  LM385B Datasheet HTML 1Page - ON Semiconductor LM385B Datasheet HTML 2Page - ON Semiconductor LM385B Datasheet HTML 3Page - ON Semiconductor LM385B Datasheet HTML 4Page - ON Semiconductor LM385B Datasheet HTML 5Page - ON Semiconductor LM385B Datasheet HTML 6Page - ON Semiconductor LM385B Datasheet HTML 7Page - ON Semiconductor LM385B Datasheet HTML 8Page - ON Semiconductor LM385B Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
LM285, LM385B
http://onsemi.com
9
PACKAGE DIMENSIONS
SOIC-8 NB
CASE 751-07
ISSUE AJ
SEATING
PLANE
1
4
5
8
N
J
X 45
_
K
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
6. 751-01 THRU 751-06 ARE OBSOLETE. NEW
STANDARD IS 751-07.
A
B
S
D
H
C
0.10 (0.004)
DIM
A
MIN
MAX
MIN
MAX
INCHES
4.80
5.00
0.189
0.197
MILLIMETERS
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.053
0.069
D
0.33
0.51
0.013
0.020
G
1.27 BSC
0.050 BSC
H
0.10
0.25
0.004
0.010
J
0.19
0.25
0.007
0.010
K
0.40
1.27
0.016
0.050
M
0
8
0
8
N
0.25
0.50
0.010
0.020
S
5.80
6.20
0.228
0.244
-X-
-Y-
G
M
Y
M
0.25 (0.010)
-Z-
Y
M
0.25 (0.010)
Z
S
X S
M
__
__
1.52
0.060
7.0
0.275
0.6
0.024
1.270
0.050
4.0
0.155
mm
inches
SCALE 6:1
*For additional information on our Pb-Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800-282-9855 Toll Free
 USA/Canada
Europe, Middle East and Africa Technical Support:
 Phone: 421 33 790 2910
Japan Customer Focus Center
 Phone: 81-3-5773-3850
LM285/D
LITERATURE FULFILLMENT:
 Literature Distribution Center for ON Semiconductor
 P.O. Box 5163, Denver, Colorado 80217 USA
 Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada
 Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada
 Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - LM385B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LM385B MICROSEMI-LM385B Datasheet
154Kb / 7P
   1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
logo
Analog Intergrations Co...
LM385B AIC-LM385B Datasheet
124Kb / 7P
   Adjustable Micropower Voltage Reference
logo
ON Semiconductor
LM385B ONSEMI-LM385B Datasheet
88Kb / 9P
   Micropower Voltage Reference Diodes
November, 2005 ??Rev. 7
LM385B ONSEMI-LM385B Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385B ONSEMI-LM385B Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
More results

Similar Description - LM385B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM285 MOTOROLA-LM285 Datasheet
110Kb / 7P
   MICROPOWER VOLTAGE REFERENCE DIODES
logo
ON Semiconductor
LM385D-25R2 ONSEMI-LM385D-25R2 Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-1.2R2G ONSEMI-LM385D-1.2R2G Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_16 Datasheet
100Kb / 9P
   Micropower Voltage Reference Diodes
October, 2016 ??Rev. 9
LM285 ONSEMI-LM285_05 Datasheet
88Kb / 9P
   Micropower Voltage Reference Diodes
November, 2005 ??Rev. 7
LM285 ONSEMI-LM285 Datasheet
79Kb / 8P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_08 Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-25R2G ONSEMI-LM385D-25R2G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com