Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4U-0010-0615-4 Datasheet(PDF) 11 Page - 3M Electronics

Part # 4U-0010-0615-4
Description  This specification was revised due to the requirement described below.
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4U-0010-0615-4 Datasheet(HTML) 11 Page - 3M Electronics

Back Button 4U-0010-0615-4 Datasheet HTML 7Page - 3M Electronics 4U-0010-0615-4 Datasheet HTML 8Page - 3M Electronics 4U-0010-0615-4 Datasheet HTML 9Page - 3M Electronics 4U-0010-0615-4 Datasheet HTML 10Page - 3M Electronics 4U-0010-0615-4 Datasheet HTML 11Page - 3M Electronics 4U-0010-0615-4 Datasheet HTML 12Page - 3M Electronics 4U-0010-0615-4 Datasheet HTML 13Page - 3M Electronics 4U-0010-0615-4 Datasheet HTML 14Page - 3M Electronics 4U-0010-0615-4 Datasheet HTML 15Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
JNPS-0135
D
4.
APPLICATION
4-1.
PRODUCT NUMBERING INFORMATION
4-1-1 SHELL KIT
103 XX-X 2
X 0-X X X
COLOR
8 : BLACK (STANDARD PRODUCT)
ANOTHER COLOR SHOULD BE SPECIHED
BY AGREEMENT WITH CUSTOMER.
LOGO MARK
0:3M LOGO MARKING
1:NO MARKING
ANOTHER LOGO MARK SHOULD BE SPECIFIED
BY AC,REEMENT WITH CUSTOMER.
POLARIZING KEY
0: NO KEY
M : I NOSEIYPE TYPE M
N : I NOSETYPE TYPE N
P : I NOSETYPE TYPE P
Q : I NOSETYPE TYPE Q
R : I NOSE TYPE TYPE R
S : I NOSETYPE
TYPE S
CABLE CLAMP TYPE
0: SCREW LOCK TYPE
LOCKING METHOD FOR RECEPTACLE
A : JACK SCREW L30 TYPE (M2.6)
K : JACK SCREW L26 TYPE(M2.6)
F : LATCH TYI'E
S : JACK SCREW WITH STOPI'ER (M2.6)
CABLE EXIT DIRECTION
2 : STRAIGHT TYPE
GROUNDPLATE OF CABLE CLAMI'
4 : NOTHING
5 : ATTACHED
INDTCATION OF CONTACT QTY
XX : XX pos.
14, 20, 26, 36, 50 p
PRODUCT SERIES NAME
103: MDR SHELL KIT SYSTEM


Similar Part No. - 4U-0010-0615-4

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
4U-A5881-1 BEL-4U-A5881-1 Datasheet
1Mb / 16P
   High Performance Servers
4U-A5881-2 BEL-4U-A5881-2 Datasheet
1Mb / 16P
   High Performance Servers
More results

Similar Description - 4U-0010-0615-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
108-36033 TEC-108-36033 Datasheet
286Kb / 6P
   The product described in this document has not been fully tested to ensure conformance to the requirements outlined below
108-133061 TEC-108-133061 Datasheet
162Kb / 7P
   The product described in this document has not been fully tested to ensure conformance to the requirements outlined below.
logo
Inolux Corporation
V236BJ1 INOLUX-V236BJ1 Datasheet
662Kb / 29P
   The Approval Specification was first issued.
logo
Samsung semiconductor
LSC320AN10 SAMSUNG-LSC320AN10 Datasheet
2Mb / 34P
   The information described in this specification is preliminary and can be changed without prior notice
logo
Soberton Inc.
WT-2505 SOBERTON-WT-2505_17 Datasheet
312Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WT-1201 SOBERTON-WT-1201_17 Datasheet
268Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1612S SOBERTON-WST-1612S_16 Datasheet
340Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1307S SOBERTON-WST-1307S Datasheet
290Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-0905S SOBERTON-WST-0905S_16 Datasheet
300Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-025BH SOBERTON-ST-025BH_17 Datasheet
412Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com