Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4587DMX31TCG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP4587DMX31TCG
Description  150 mA, Tri-Mode, LDO Linear Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4587DMX31TCG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP4587DMX31TCG Datasheet HTML 1Page - ON Semiconductor NCP4587DMX31TCG Datasheet HTML 2Page - ON Semiconductor NCP4587DMX31TCG Datasheet HTML 3Page - ON Semiconductor NCP4587DMX31TCG Datasheet HTML 4Page - ON Semiconductor NCP4587DMX31TCG Datasheet HTML 5Page - ON Semiconductor NCP4587DMX31TCG Datasheet HTML 6Page - ON Semiconductor NCP4587DMX31TCG Datasheet HTML 7Page - ON Semiconductor NCP4587DMX31TCG Datasheet HTML 8Page - ON Semiconductor NCP4587DMX31TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
NCP4587
http://onsemi.com
2
Current Limit
VIN
GND
Vref
CE
VOUT
AE
NCP4587Hxxxx
Current Limit
VIN
GND
Vref
CE
VOUT
AE
NCP4587Dxxxx
Figure 2. Simplified Schematic Block Diagram
PIN FUNCTION DESCRIPTION
Pin No.
XDFN
Pin No.
SC−70
Pin No.
SOT23
Pin Name
Description
4
4
1
VIN
Input pin
2
2
2
GND
Ground
3
5
3
CE
Chip enable pin (active “H”)
6
3
5
VOUT
Output pin
1
1
4
AE
Auto Eco Pin
5
NC
No connection
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN
6.0
V
Output Voltage
VOUT
−0.3 to VIN + 0.3
V
Chip Enable Input
VCE
−0.3 to 6.0
V
Auto Eco Input
VAE
−0.3 to 6.0
V
Output Current
IOUT
400
mA
Power Dissipation XDFN
PD
400
mW
Power Dissipation SC−70
380
Power Dissipation SOT23
420
Maximum Junction Temperature
TJ(MAX)
150
°C
Storage Temperature
TSTG
−55 to 125
°C
Operation Temperature
TA
−40 to 85
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating tested per JEDEC standard: JESD78.


Similar Part No. - NCP4587DMX31TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4587DMU12TCG ONSEMI-NCP4587DMU12TCG Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
NCP4587DMU18TCG ONSEMI-NCP4587DMU18TCG Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
NCP4587DMU28TCG ONSEMI-NCP4587DMU28TCG Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
NCP4587DMU30TCG ONSEMI-NCP4587DMU30TCG Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
NCP4587DMU33TCG ONSEMI-NCP4587DMU33TCG Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
More results

Similar Description - NCP4587DMX31TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
NCP4589 ONSEMI-NCP4589 Datasheet
647Kb / 30P
   300 mA, Tri-Mode, LDO Linear Voltage Regulator
May, 2011 ??Rev. 0
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCV4269A ONSEMI-NCV4269A_15 Datasheet
163Kb / 20P
   Micropower 150 mA LDO Linear Regulator
January, 2015 ??Rev. 4
NCV4279A ONSEMI-NCV4279A_13 Datasheet
162Kb / 15P
   Micropower 150 mA LDO Linear Regulator
May, 2013 ??Rev. 4
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
   150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com