Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4587DMX31TCG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP4587DMX31TCG
Description  150 mA, Tri-Mode, LDO Linear Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4587DMX31TCG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP4587DMX31TCG Datasheet HTML 1Page - ON Semiconductor NCP4587DMX31TCG Datasheet HTML 2Page - ON Semiconductor NCP4587DMX31TCG Datasheet HTML 3Page - ON Semiconductor NCP4587DMX31TCG Datasheet HTML 4Page - ON Semiconductor NCP4587DMX31TCG Datasheet HTML 5Page - ON Semiconductor NCP4587DMX31TCG Datasheet HTML 6Page - ON Semiconductor NCP4587DMX31TCG Datasheet HTML 7Page - ON Semiconductor NCP4587DMX31TCG Datasheet HTML 8Page - ON Semiconductor NCP4587DMX31TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
NCP4587
http://onsemi.com
3
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, XDFN
Thermal Resistance, Junction−to−Air
RqJA
250
°C/W
Thermal Characteristics, SOT23
Thermal Resistance, Junction−to−Air
RqJA
238
°C/W
Thermal Characteristics, SC−70
Thermal Resistance, Junction−to−Air
RqJA
263
°C/W
ELECTRICAL CHARACTERISTICS
−40°C ≤ TA ≤ 85°C; VIN = VOUT(NOM) + 1 V or 2.5 V, whichever is greater; IOUT = 1 mA, CIN = COUT = 0.47 mF, unless otherwise noted.
Typical values are at TA = +25°C.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
1.4
5.25
V
Output Voltage
TA = +25 °C,
IOUT = 5 mA
VOUT > 2 V
VOUT
x0.99
x1.01
V
VOUT ≤ 2 V
−20
20
mV
−40°C ≤ TA ≤ 85°C,
IOUT = 5 mA
VOUT > 2 V
x0.975
x1.015
V
VOUT ≤ 2 V
−50
30
mV
Output Voltage Temp.
Coefficient
TA = −40 to 85°C
±50
ppm/°C
Line Regulation
VIN = VOUT + 0.5 V to
5 V, VIN ≥ 1.4 V
IOUT = 1 mA,
(Low Power Mode)
LineReg
0.50
%/V
IOUT = 10 mA,
(Fast Mode)
0.02
0.20
Load Regulation
IOUT = 1 mA to 10 mA
VOUT > 2.0 V
LineReg
−1.0
1.0
%
VOUT ≤ 2.0 V
−20
20
mV
IOUT = 10 mA to 150 mA
18
40
mV
Dropout Voltage
IOUT = 150 mA
0.8 V ≤ VOUT < 0.9 V
VDO
(Note 3)
V
0.9 V ≤ VOUT < 1.0 V
(Note 3)
1.0 V ≤ VOUT < 1.5 V
0.24
0.4
1.5 V ≤ VOUT < 2.6 V
0.19
0.25
2.6 V ≤ VOUT < 4.0 V
0.12
0.18
Output Current
IOUT
150
mA
Short Current Limit
VOUT = 0 V
ISC
50
mA
Quiescent Current
IOUT = 0 mA,
Low Power Mode
(Note 4)
VOUT ≤ 1.85 V
IQ
1.0
4.0
mA
VOUT > 1.85 V
1.5
4.0
Supply Current
IOUT = 10 mA, Fast Mode
IGND
55
mA
Standby Current
VCE = 0 V, TJ = 25°C
ISTB
0.1
1
mA
Fast Mode Switch−Over Current
IOUT = light to heavy load
IOUTH
8.0
mA
Low Power Switch−Over
Current
IOUT = heavy to light load
IOUTL
1.0
2.0
mA
CE Pin Threshold Voltage
CE Input Voltage “H”
VCEH
1.0
V
CE Input Voltage “L”
VCEL
0.4
CE Pull Down Current
ICEPD
0.1
mA
3. VIN > 1.4 V condition is dominant against this specification
4. The value of quiescent current is excluding the pull−down current of CE and AE pin


Similar Part No. - NCP4587DMX31TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4587DMU12TCG ONSEMI-NCP4587DMU12TCG Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
NCP4587DMU18TCG ONSEMI-NCP4587DMU18TCG Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
NCP4587DMU28TCG ONSEMI-NCP4587DMU28TCG Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
NCP4587DMU30TCG ONSEMI-NCP4587DMU30TCG Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
NCP4587DMU33TCG ONSEMI-NCP4587DMU33TCG Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
More results

Similar Description - NCP4587DMX31TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
NCP4589 ONSEMI-NCP4589 Datasheet
647Kb / 30P
   300 mA, Tri-Mode, LDO Linear Voltage Regulator
May, 2011 ??Rev. 0
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCV4269A ONSEMI-NCV4269A_15 Datasheet
163Kb / 20P
   Micropower 150 mA LDO Linear Regulator
January, 2015 ??Rev. 4
NCV4279A ONSEMI-NCV4279A_13 Datasheet
162Kb / 15P
   Micropower 150 mA LDO Linear Regulator
May, 2013 ??Rev. 4
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
   150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com