Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4587DSN18T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP4587DSN18T1G
Description  150 mA, Tri-Mode, LDO Linear Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4587DSN18T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP4587DSN18T1G Datasheet HTML 1Page - ON Semiconductor NCP4587DSN18T1G Datasheet HTML 2Page - ON Semiconductor NCP4587DSN18T1G Datasheet HTML 3Page - ON Semiconductor NCP4587DSN18T1G Datasheet HTML 4Page - ON Semiconductor NCP4587DSN18T1G Datasheet HTML 5Page - ON Semiconductor NCP4587DSN18T1G Datasheet HTML 6Page - ON Semiconductor NCP4587DSN18T1G Datasheet HTML 7Page - ON Semiconductor NCP4587DSN18T1G Datasheet HTML 8Page - ON Semiconductor NCP4587DSN18T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
NCP4587
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS
−40°C ≤ TA ≤ 85°C; VIN = VOUT(NOM) + 1 V or 2.5 V, whichever is greater; IOUT = 1 mA, CIN = COUT = 0.47 mF, unless otherwise noted.
Typical values are at TA = +25°C.
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
AE Pin Threshold Voltage
AE Input Voltage “H”
VAEH
1.0
V
AE Input Voltage “L”
VAEL
0.4
AE Pull Down Current
IAEPD
0.1
mA
Power Supply Rejection Ratio
VIN = VOUT + 1 V or 2.2 V whichever is higher,
DVIN = 0.2 Vpk−pk, IOUT = 30 mA, f = 1 kHz, Fast
Mode
PSRR
70
dB
Output Noise Voltage
VOUT = 1.2 V, IOUT = 30 mA, f = 10 Hz to
100 kHz
VN
115
mVrms
Low Output Nch Tr. On
Resistance
VIN = 4 V, VCE = 0 V
RLOW
50
W
3. VIN > 1.4 V condition is dominant against this specification
4. The value of quiescent current is excluding the pull−down current of CE and AE pin


Similar Part No. - NCP4587DSN18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4587DMU12TCG ONSEMI-NCP4587DMU12TCG Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
NCP4587DMU18TCG ONSEMI-NCP4587DMU18TCG Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
NCP4587DMU28TCG ONSEMI-NCP4587DMU28TCG Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
NCP4587DMU30TCG ONSEMI-NCP4587DMU30TCG Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
NCP4587DMU33TCG ONSEMI-NCP4587DMU33TCG Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
More results

Similar Description - NCP4587DSN18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
NCP4589 ONSEMI-NCP4589 Datasheet
647Kb / 30P
   300 mA, Tri-Mode, LDO Linear Voltage Regulator
May, 2011 ??Rev. 0
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCV4269A ONSEMI-NCV4269A_15 Datasheet
163Kb / 20P
   Micropower 150 mA LDO Linear Regulator
January, 2015 ??Rev. 4
NCV4279A ONSEMI-NCV4279A_13 Datasheet
162Kb / 15P
   Micropower 150 mA LDO Linear Regulator
May, 2013 ??Rev. 4
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
   150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com