Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP7805TG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP7805TG
Description  1.0 A Positive Voltage Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP7805TG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP7805TG Datasheet HTML 3Page - ON Semiconductor NCP7805TG Datasheet HTML 4Page - ON Semiconductor NCP7805TG Datasheet HTML 5Page - ON Semiconductor NCP7805TG Datasheet HTML 6Page - ON Semiconductor NCP7805TG Datasheet HTML 7Page - ON Semiconductor NCP7805TG Datasheet HTML 8Page - ON Semiconductor NCP7805TG Datasheet HTML 9Page - ON Semiconductor NCP7805TG Datasheet HTML 10Page - ON Semiconductor NCP7805TG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NCP7800
http://onsemi.com
7
Table 8. ELECTRICAL CHARACTERISTICS (Vin = 23 V, IO = 500 mA, TJ = 0°C to 125°C, unless otherwise noted) (Note 13)
Characteristic
Symbol
NCP7815
Unit
Min
Typ
Max
Output Voltage (TJ = 25°C)
VO
14.40
15
15.60
Vdc
Output Voltage (5.0 mA ≤ IO ≤ 1.0 A, PD ≤ 15 W)
17.5 Vdc ≤ Vin ≤ 30 Vdc
VO
14.25
15
15.75
Vdc
Line Regulation (TJ = 25°C)
17.9 Vdc ≤ Vin ≤ 30 Vdc
20 Vdc ≤ Vin ≤ 26 Vdc
Regline
3.3
1.8
300
150
mV
Load Regulation (TJ = 25°C)
5.0 mA ≤ IO ≤ 1.5 A
Regload
6.9
300
mV
Quiescent Current (TJ = 25°C)
IB
3.0
8.0
mA
Quiescent Current Change
17.5 Vdc ≤ Vin ≤ 30 Vdc
5.0 mA ≤ IO ≤ 1.0 A
DIB
1.0
0.5
mA
Ripple Rejection (Note 14)
18.5 Vdc ≤ Vin ≤ 28.5 Vdc, f = 120 Hz
RR
54
70
dB
Dropout Voltage (IO = 1.0 A, TJ = 25°C) (Note 14)
VI − VO
2.0
Vdc
Output Noise Voltage (TJ = 25°C) (Note 14)
10 Hz ≤ f ≤ 100 kHz
Vn
6.8
mV/VO
Output Resistance f = 1.0 kHz (Note 14)
rO
4.7
mW
Short Circuit Current Limit (TJ = 25°C) (Note 14)
Vin = 35 Vdc
ISC
0.3
A
Peak Output Current (TJ = 25°C) (Note 14)
Imax
2.4
A
Average Temperature Coefficient of Output Voltage (Note 14)
TCVO
0.42
mV/°C
13.Performance guaranteed over the indicated operating temperature range by design and/or characterization, production tested at
TJ = TA = 25°C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
14.Value based on design and/or characterization.


Similar Part No. - NCP7805TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP7805TG ONSEMI-NCP7805TG Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
More results

Similar Description - NCP7805TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
logo
ON Semiconductor
MC-7805-CT ONSEMI-MC-7805-CT Datasheet
329Kb / 30P
   1.0 A Positive Voltage Regulators
May, 2013 ??Rev. 26
MC7800 ONSEMI-MC7800_V01 Datasheet
439Kb / 28P
   Voltage Regulators - Positive 1.0 A
November, 2021 - Rev. 29
logo
Semtech Corporation
EZ1117 SEMTECH-EZ1117_06 Datasheet
476Kb / 6P
   0.8 & 1.0 AMP Positive Voltage Regulators
EZ1117 SEMTECH-EZ1117 Datasheet
126Kb / 4P
   0.8 & 1.0 AMP POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com