Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4626DMX033TCG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP4626DMX033TCG
Description  300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4626DMX033TCG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP4626DMX033TCG Datasheet HTML 2Page - ON Semiconductor NCP4626DMX033TCG Datasheet HTML 3Page - ON Semiconductor NCP4626DMX033TCG Datasheet HTML 4Page - ON Semiconductor NCP4626DMX033TCG Datasheet HTML 5Page - ON Semiconductor NCP4626DMX033TCG Datasheet HTML 6Page - ON Semiconductor NCP4626DMX033TCG Datasheet HTML 7Page - ON Semiconductor NCP4626DMX033TCG Datasheet HTML 8Page - ON Semiconductor NCP4626DMX033TCG Datasheet HTML 9Page - ON Semiconductor NCP4626DMX033TCG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
NCP4626
http://onsemi.com
6
TYPICAL CHARACTERISTICS
0.0
0.3
0.6
0.9
1.2
1.5
0
50
100
150
200
250
300
TJ = 85°C
25°C
−40°C
IOUT (mA)
Figure 9. Dropout Voltage vs. Output Current
3.0 V Version, ECO = L
0.0
0.3
0.6
0.9
1.2
1.5
0
50
100
150
200
250
300
IOUT (mA)
Figure 10. Dropout Voltage vs. Output Current
3.0 V Version, ECO = H
TJ = 85°C
25°C
−40°C
0.0
0.3
0.6
0.9
1.2
1.5
0
50
100
150
200
250
300
IOUT (mA)
Figure 11. Dropout Voltage vs. Output Current
3.3 V Version, ECO = L
TJ = 85°C
25°C
−40°C
0.0
0.3
0.6
0.9
1.2
1.5
0
50
100
150
200
250
300
IOUT (mA)
Figure 12. Dropout Voltage vs. Output Current
3.3 V Version, ECO = H
TJ = 85°C
25°C
−40°C
0.0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
250
300
IOUT (mA)
Figure 13. Dropout Voltage vs. Output Current
5.0 V Version, ECO = L
TJ = 85°C
25°C
−40°C
0.0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
250
300
IOUT (mA)
Figure 14. Dropout Voltage vs. Output Current
5.0 V Version, ECO = H
TJ = 85°C
25°C
−40°C


Similar Part No. - NCP4626DMX033TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4626DMX033TCG ONSEMI-NCP4626DMX033TCG Datasheet
586Kb / 28P
   300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
More results

Similar Description - NCP4626DMX033TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4626 ONSEMI-NCP4626 Datasheet
586Kb / 28P
   300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_05 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
logo
Unisonic Technologies
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_15 Datasheet
225Kb / 14P
   300 mA, Low Dropout Voltage Regulator
March, 2015 ??Rev. 20
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com