Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP51510MNTWG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP51510MNTWG
Description  3 Amp VTT Termination Source / Sink Regulator for DDR, DDR-2, DDR-3, DDR-4
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP51510MNTWG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP51510MNTWG Datasheet HTML 1Page - ON Semiconductor NCP51510MNTWG Datasheet HTML 2Page - ON Semiconductor NCP51510MNTWG Datasheet HTML 3Page - ON Semiconductor NCP51510MNTWG Datasheet HTML 4Page - ON Semiconductor NCP51510MNTWG Datasheet HTML 5Page - ON Semiconductor NCP51510MNTWG Datasheet HTML 6Page - ON Semiconductor NCP51510MNTWG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2013
July, 2013 − Rev. 0
1
Publication Order Number:
NCP51510/D
NCP51510
3 Amp VTT Termination
Source / Sink Regulator for
DDR, DDR-2, DDR-3, DDR-4
The NCP51510 is a source/sink Double Data Rate (DDR)
termination regulator specifically designed for low input voltage and
low−noise systems where space is a key consideration. The
NCP51510 maintains a fast transient response and only requires a
minimum VTT load capacitance of 10 mF for output stability. The
NCP51510 supports remote sensing and all power requirements for
DDR VTT bus termination. The NCP51510 can also be used in
low−power chipsets and graphics processor cores that require
dynamically adjustable output voltages. The NCP51510 is available in
the thermally−efficient DFN10 Exposed Pad package, and is rated
both Green and Pb−Free.
Features
Generate DDR Memory Termination Voltage (VTT)
For DDR, DDR−2, DDR−3 and DDR−4 Source / Sink Currents
Supports Loads Up to ±3 A (Typ), Output is Over−current Protected
Integrated MOSFETs with Thermal Shutdown Protection
Fast Load−Transient Response
PGOOD Output Pin to Monitor Status of VTT Output Regulation
SS Input Pin for Suspend Shutdown mode
VRI Input Reference for Flexible Voltage Tracking
VTTS Input for Remote Sensing (Kelvin Connection)
Built−in Soft Start, Under Voltage Lockout
Small, Low−Profile 10−pin, 3 x 3 mm DFN Package
This is a Pb−Free Device
Applications
DDR Memory Termination
Desktop PC’s, Notebooks, and Workstations
Servers and Networking equipment
Telecom/Datacom, GSM Base Station
Graphics Processor Core Supplies
Set Top Boxes, LCD−TV/PDP−TV, Copier/Printers
Supplies Power for Chipset/RAM as Low as 0.5 V
Active Source/Sink Bus Termination
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
NCP51510MNTWG
DFN10
(Pb−Free)
3000 / Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
DFN10
CASE 485C
MARKING DIAGRAM
PIN CONNECTIONS
SS
XXXXX = Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
XXXXX
XXXXX
ALYWG
G
(*Note: Microdot may be in either location)
1
2
3
4
5
10
9
8
7
6
(Top View)
VRO
VCC
AGND
VRI
PGOOD
PVCC
VTT
PGND
VTTS
GND


Similar Part No. - NCP51510MNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51510MNTAG ONSEMI-NCP51510MNTAG Datasheet
147Kb / 7P
   Termination Regulator
April, 2015 ??Rev. 2
More results

Similar Description - NCP51510MNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51199 ONSEMI-NCP51199_17 Datasheet
80Kb / 8P
   DDR 2-Amp Source / Sink VTT Termination Regulator
April, 2017 ??Rev. 3
NCP51199 ONSEMI-NCP51199 Datasheet
80Kb / 7P
   DDR 2-Amp Source / Sink Termination Regulator
March, 2014 ??Rev. 2
logo
Texas Instruments
TPS51100 TI-TPS51100_07 Datasheet
704Kb / 20P
[Old version datasheet]   3-A SINK/SOURCE DDR TERMINATION REGULATOR
TPS5110 TI-TPS5110 Datasheet
552Kb / 18P
[Old version datasheet]   3-A SINK/ SOURCE DDR TERMINATION REGULATOR
logo
Eutech Microelectronics...
EUP7998 EUTECH-EUP7998 Datasheet
214Kb / 2P
   Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51200-Q1 TI1-TPS51200-Q1 Datasheet
951Kb / 36P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
TPS51200 TI-TPS51200_1 Datasheet
1Mb / 35P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
logo
ON Semiconductor
NCP51145 ONSEMI-NCP51145 Datasheet
82Kb / 6P
   DDR 1.8 Amp Source / Sink Termination Regulator
June, 2015 ??Rev. 2
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1 TI1-TPS51200A-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com