Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP7815TG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP7815TG
Description  1.0 A Positive Voltage Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP7815TG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP7815TG Datasheet HTML 1Page - ON Semiconductor NCP7815TG Datasheet HTML 2Page - ON Semiconductor NCP7815TG Datasheet HTML 3Page - ON Semiconductor NCP7815TG Datasheet HTML 4Page - ON Semiconductor NCP7815TG Datasheet HTML 5Page - ON Semiconductor NCP7815TG Datasheet HTML 6Page - ON Semiconductor NCP7815TG Datasheet HTML 7Page - ON Semiconductor NCP7815TG Datasheet HTML 8Page - ON Semiconductor NCP7815TG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NCP7800
http://onsemi.com
3
Table 2. ABSOLUTE MAXIMUM RATINGS (Note 1)
Rating
Symbol
Value
Unit
Input Voltage Range
(for Vout: 5.0 − 15 V)
Vin
−0.3 to 35
V
Power Dissipation
PD
Internally Limited
W
Maximum Junction Temperature
TJ(max)
150
°C
Storage Temperature Range
Tstg
−65 to +150
°C
ESD Capability, Human Body Model (Note 2)
NCP7805, NCP7808
NCP7812, NCP7815
ESDHBM
4
3
kV
ESD Capability, Machine Model (Note 2)
ESDMM
400
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per EIA/JESD22−A114
ESD Machine Model tested per EIA/JESD22−A115
Latchup Current Maximum Rating: ≤150 mA per JEDEC standard: JESD78
Table 3. THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, TO−220−3 (Note 3)
Thermal Resistance, Junction−to−Case
Thermal Resistance, Junction−to−Air (Note 4)
RqJC
RqJA
7.5
65
°C/W
3. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
4. Value based on thermal measurement in a test socket.
Table 4. OPERATING RANGES (Note 5)
Rating
Symbol
Min
Max
Unit
Input Voltage (Note 6)
(for Vout: 5.0 − 15 V)
Vin
7.0
35
V
Junction Temperature
TJ
0
125
°C
5. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
6. Minimum Vin = 7.0 V or (Vout + VDO), whichever is higher.


Similar Part No. - NCP7815TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP781 ONSEMI-NCP781 Datasheet
168Kb / 14P
   150 V, 100mA Very High Voltage Linear Regulator
April, 2017 ??Rev. 0
NCP7812ETG ONSEMI-NCP7812ETG Datasheet
98Kb / 10P
   Positive Voltage Regulators
December, 2014 ??Rev. P0
NCP781BMN033TAG ONSEMI-NCP781BMN033TAG Datasheet
168Kb / 14P
   150 V, 100mA Very High Voltage Linear Regulator
April, 2017 ??Rev. 0
NCP781BMN050TAG ONSEMI-NCP781BMN050TAG Datasheet
168Kb / 14P
   150 V, 100mA Very High Voltage Linear Regulator
April, 2017 ??Rev. 0
NCP781BMN150TAG ONSEMI-NCP781BMN150TAG Datasheet
168Kb / 14P
   150 V, 100mA Very High Voltage Linear Regulator
April, 2017 ??Rev. 0
More results

Similar Description - NCP7815TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
logo
ON Semiconductor
MC-7805-CT ONSEMI-MC-7805-CT Datasheet
329Kb / 30P
   1.0 A Positive Voltage Regulators
May, 2013 ??Rev. 26
MC7800 ONSEMI-MC7800_V01 Datasheet
439Kb / 28P
   Voltage Regulators - Positive 1.0 A
November, 2021 - Rev. 29
logo
Semtech Corporation
EZ1117 SEMTECH-EZ1117_06 Datasheet
476Kb / 6P
   0.8 & 1.0 AMP Positive Voltage Regulators
EZ1117 SEMTECH-EZ1117 Datasheet
126Kb / 4P
   0.8 & 1.0 AMP POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com