Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6620 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF6620
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620 Datasheet(HTML) 3 Page - Analog Devices

  ADRF6620 Datasheet HTML 1Page - Analog Devices ADRF6620 Datasheet HTML 2Page - Analog Devices ADRF6620 Datasheet HTML 3Page - Analog Devices ADRF6620 Datasheet HTML 4Page - Analog Devices ADRF6620 Datasheet HTML 5Page - Analog Devices ADRF6620 Datasheet HTML 6Page - Analog Devices ADRF6620 Datasheet HTML 7Page - Analog Devices ADRF6620 Datasheet HTML 8Page - Analog Devices ADRF6620 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
Data Sheet
ADRF6620
Rev. 0 | Page 3 of 52
SPECIFICATIONS
VCCx = 5 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LO INPUT
Internal LO Frequency Range
350
2850
MHz
External LO Frequency Range
LO_DIV_A = 00
350
3200
MHz
LO Input Level
−6
0
+6
dBm
LO Input Impedance
50
Ω
RF INPUT
Input Frequency
700
2700
MHz
Input Return Loss
12
dB
Input Impedance
50
Ω
RF DIGITAL STEP ATTENUATOR
Attenuation Range
Step size = 1 dB
0
15
dB
POWER SUPPLY
4.75
5.0
5.25
V
Power Consumption
LO output buffer disabled
External LO + IF DGA enabled
1.3
W
Internal LO + IF DGA enabled
1.7
W
Only IF DGA enabled
0.6
W
Power-Down Current
6
mA
RF INPUT TO IF DGA OUTPUT SYSTEM SPECIFICATIONS
VCCx = 5 V, TA = 25°C, high-side LO injection, fIF = 200 MHz, internal LO frequency, IF DGA output load = 150 Ω, and 2 V p-p differential
output with third-order low-pass filter, unless otherwise noted. For mixer settings for maximum linearity, see Table 16. All losses from
input and output traces and baluns are de-embedded from results
Table 2. RF Switch + Balun + RF Attenuator + Mixer + IF DGA
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE AT
fRF = 900 MHz
fIF = 200 MHz
Voltage Conversion Gain
12
dB
Output P1dB
18
dBm
Output IP3
1 V p-p each output tone, 1 MHz tone spacing
43
dBm
Output IP2
1 V p-p each output tone, 1 MHz tone spacing
78
dBm
Noise Figure
Noise figure optimized
16
dB
DYNAMIC PERFORMANCE AT
fRF = 1900 MHz
fIF = 200 MHz
Voltage Conversion Gain
11
dB
Output P1dB
18
dBm
Output IP3
1 V p-p each output tone, 1 MHz tone spacing
45
dBm
Output IP2
1 V p-p each output tone, 1 MHz tone spacing
75
dBm
Noise Figure
Noise figure optimized
18.5
dB
DYNAMIC PERFORMANCE AT
fRF = 2100 MHz
fIF = 200 MHz
dB
Voltage Conversion Gain
10.5
dBm
Output P1dB
18
dBm
Output IP3
1 V p-p each output tone, 1 MHz tone spacing
45
dBm
Output IP2
1 V p-p each output tone, 1 MHz tone spacing
66
dBm
Noise Figure
Noise figure optimized
19
dB
DYNAMIC PERFORMANCE AT
fRF = 2700 MHz
fIF = 200 MHz
Voltage Conversion Gain
9
dB
Output P1dB
18
dBm
Output IP3
1 V p-p each output tone, 1 MHz tone spacing
44
dBm
Output IP2
1 V p-p each output tone, 1 MHz tone spacing
74
dBm
Noise Figure
Noise figure optimized
21
dB


Similar Part No. - ADRF6620

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6601 AD-ADRF6601 Datasheet
640Kb / 24P
   750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6601 AD-ADRF6601 Datasheet
834Kb / 32P
   1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
ADRF6601-EVALZ AD-ADRF6601-EVALZ Datasheet
640Kb / 24P
   750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6601ACPZ-R7 AD-ADRF6601ACPZ-R7 Datasheet
640Kb / 24P
   750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6602 AD-ADRF6602 Datasheet
517Kb / 24P
   1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
More results

Similar Description - ADRF6620

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6602 AD-ADRF6602 Datasheet
517Kb / 24P
   1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6604 AD-ADRF6604 Datasheet
834Kb / 32P
   1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
ADRF6601 AD-ADRF6601 Datasheet
640Kb / 24P
   750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6603 AD-ADRF6603 Datasheet
504Kb / 24P
   2100 MHz to 2600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6612 AD-ADRF6612 Datasheet
2Mb / 57P
   700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
ADRF6614 AD-ADRF6614 Datasheet
2Mb / 61P
   700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
ADRF6750 AD-ADRF6750 Datasheet
1Mb / 40P
   950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
ADRF6821 AD-ADRF6821 Datasheet
1Mb / 61P
   450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
logo
Hittite Microwave Corpo...
HMC830LP6GE_1110 HITTITE-HMC830LP6GE_1110 Datasheet
1Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
HMC830LP6GE HITTITE-HMC830LP6GE Datasheet
2Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com