Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4-140-4 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # 4-140-4
Description  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-140-4 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button 4-140-4 Datasheet HTML 10Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 11Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 12Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 13Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 14Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 15Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 16Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 17Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
edding 345
Highlighter with chisel tip,
water-based ink with brilliant colours,
suitable for use on ink-jet documents.
Copylighter: colour 012 (silver grey) is ideal for
photocopying purposes. This means that both the
emphasised text and the highlighting itself are still
highly legible after having been copied. Colour 012
is also particularly suitable for subtle text emphasis.
Neon colours:
002, 005, 006, 009–012, refillable.
Order no.
Box of 10 in each colour.
4-345xxx*
Neon colours assorted:
4x 005, 1x 006, 1x 009, 2x 010, 2x 011.
Order no.
Box of 10.
4-345999
All packs can be used as mini display units.
345/2 S Wallet with 2 markers.
Order no.
Colours: 005+006.
4-345-2-5-6
Colours: 005+009.
4-345-2-5-9
Colours: 005+010.
4-345-2-5-10
Colours: 005+011.
4-345-2-5-11
345/2 CS Copy set, wallet with 2 markers.
Order no.
Colours: 005+012.
4-345-2-5-12
345/4 S Wallet with 4 markers.
Order no.
Colours: 005, 009, 010, 011.
4-345-4
345/6 S Wallet with 6 markers.
Order no.
Colours: 005, 006, 009, 010, 011, 012.
4-345-6
14
HIGHLIGHTERS
Particularly ideal for marking and highlighting sections of text and notices, for example in letters, minutes, tables, books,
magazines, brochures, timetables and atlases, as well as for almost all types of copier and fax paper.
~2–5 mm
006
012
005
011
002
010
009
OFFICE
A drab, dreary office environment? It doesn’t have to be this way!
With its assortment of different highlighters, fineliners, gel rollers
and ink rollers, edding can add a veritable splash of colour to your
desk. Unstinting in their job of reducing text to the bare essentials
or highlighting tasks and dates, many of these writing implements
contain indelible ink - which means they are acceptable for use on
official documents. By the way: for the sake of the environment,
many of our products can be refilled. Quickly and easily.


Similar Part No. - 4-140-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4-140-W ETC2-4-140-W Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
More results

Similar Description - 4-140-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
GS Yuasa Battery Sales ...
HJ-S34B20L-A GSYUASABATTERY-HJ-S34B20L-A Datasheet
289Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-A24L GSYUASABATTERY-HJ-A24L Datasheet
464Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20L GSYUASABATTERY-HJ-S34B20L Datasheet
388Kb / 1P
   Auxiliary, Backup & Specialist Batteries
logo
Weidmuller
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Bothhand USA, LP.
LG2P109NM-LF BOTHHAND-LG2P109NM-LF Datasheet
266Kb / 2P
   Magnetic designs to support every PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com