Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4-140-4 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # 4-140-4
Description  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-140-4 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button 4-140-4 Datasheet HTML 28Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 29Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 30Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 31Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 32Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 33Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 34Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 35Page - List of Unclassifed Manufacturers 4-140-4 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
32
edding 8280 securitas uv marker
UV marker with bullet tip,
special permanent ink
which only shows up under
ultraviolet light.
Colour: 100.
Order no.
Box of 10.
4-8280100
100
~1.5–3 mm
edding 8850 carpenter pen
Marker pen with bullet tip
and transparent cap,
special permanent ink.
The long narrow mouthpiece is ideal for marking
hard-to-reach places, e.g. drill holes.
Colour: 001.
Order no.
Individually packaged (blister packs).
4-8850-1-1001
Minimum order: 10 blistercards.
~0.7–1 mm
001
edding 8400 cd/dvd marker
CD/DVD marker with fine, soft bullet tip,
permanent, lightfast and smudge-proof
water-based ink, to protect the data storage layer.
For permanent lettering on CD blanks,
CD-ROMs and DVDs.
Recommended by Sony CPCE.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-8400xxx*
Colours assorted:
5x 001, 2x 002, 2x 003, 1x 004.
Order no.
Box of 10.
4-8400999
8400/4 S Wallet of 4 markers.
Order no.
Colours: 001–004.
4-8400-4
CD/DVD MARKERS
Permanent and non-permanent water-based ink that will not damage the surface of your CD/DVDs. For unbeatable
data security. Soft and flexible tips makes writing a pleasure. Good ink opacity.
004
003
002
001
~0.5–1 mm
edding 8500 RW cd/dvd marker non-permanent
CD/DVD marker with soft bullet tip,
non-permanent water-based ink,
to protect the data storage layer.
For non-permanent lettering on CD blanks,
CD-ROMs, CD-RWs and DVDs.
Writing can be wiped off without a trace
using a soft, damp cloth.
Colour: 001.
Order no.
Box of 10.
4-8500001
001
~1 mm


Similar Part No. - 4-140-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4-140-W ETC2-4-140-W Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
More results

Similar Description - 4-140-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
GS Yuasa Battery Sales ...
HJ-S34B20L-A GSYUASABATTERY-HJ-S34B20L-A Datasheet
289Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-A24L GSYUASABATTERY-HJ-A24L Datasheet
464Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20L GSYUASABATTERY-HJ-S34B20L Datasheet
388Kb / 1P
   Auxiliary, Backup & Specialist Batteries
logo
Weidmuller
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Bothhand USA, LP.
LG2P109NM-LF BOTHHAND-LG2P109NM-LF Datasheet
266Kb / 2P
   Magnetic designs to support every PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com