Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4-140-6 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # 4-140-6
Description  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-140-6 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button 4-140-6 Datasheet HTML 39Page - List of Unclassifed Manufacturers 4-140-6 Datasheet HTML 40Page - List of Unclassifed Manufacturers 4-140-6 Datasheet HTML 41Page - List of Unclassifed Manufacturers 4-140-6 Datasheet HTML 42Page - List of Unclassifed Manufacturers 4-140-6 Datasheet HTML 43Page - List of Unclassifed Manufacturers 4-140-6 Datasheet HTML 44Page - List of Unclassifed Manufacturers 4-140-6 Datasheet HTML 45Page - List of Unclassifed Manufacturers 4-140-6 Datasheet HTML 46Page - List of Unclassifed Manufacturers 4-140-6 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
43
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
CUTTERS
Handy cutters for all cutting jobs.
edding erasers R 10 / R 20 / DR 15 / DR 20
Plastic eraser for pencil markings.
edding R 10
Double size: 54 x 34 x 12 mm, 28 g.
Order no.
Box of 10.
4-R10
edding R 20
Standard size: 45 x 24 x 10 mm, 14 g.
Order no.
Box of 20.
4-R20
Plastic eraser with white end for pencil markings
and blue end for ink and colouring pens.
edding DR 15
Double size: 60 x 25 x 10 mm, 20 g.
Order no.
Box of 15.
4-DR15
edding DR 20
Standard size: 52 x 20 x 10 mm, 14 g.
Order no.
Box of 20.
4-DR20
ERASERS
High-quality plastic erasers for outstanding results for various applications.
edding cutter MP 9
Pocket model with clip and safety device for locking
the blade with one hand. Removable clip with slot
for safely snapping off blunt blade sections.
Stainless-steel barrel.
Order no.
Box of 1.
4-MP9
edding cutter M 9
Small, handy pocket model with clip.
Tail-piece with slot for safely snapping
off blunt blade sections.
Barrel colours: 001, 049.
Order no.
Box of 10.
4-M9xxx*
049
001
edding cutter M 18
Handy, robust model with clip.
Tail-piece with slot for safely snapping
off blunt blade sections.
Barrel colours: 001, 049.
Order no.
Box of 10.
4-M18xxx*
049
001
edding cutter ML 18
For heavy-duty work, with patented safety
device for locking the blade with one hand.
Removable tail-piece with slot for safely
snapping off blunt blade sections.
Barrel colour: 049.
Order no.
Box of 1.
4-ML18049
049
edding spare blades
edding CB 9 Spare blades for edding MP 9 and M 9
cutters, in dispensers, each with 10 blades.
1 blade = 13 sections.
Order no.
Box of 10 blade dispensers.
4-CB9
edding CB 18 Spare blades for edding M 18 and ML 18
cutters, in dispensers, each with 10 blades.
1 blade = 8 sections.
Order no.
Box of 10 blade dispensers.
4-CB18


Similar Part No. - 4-140-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4-140-W ETC2-4-140-W Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
More results

Similar Description - 4-140-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
GS Yuasa Battery Sales ...
HJ-S34B20L-A GSYUASABATTERY-HJ-S34B20L-A Datasheet
289Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-A24L GSYUASABATTERY-HJ-A24L Datasheet
464Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20L GSYUASABATTERY-HJ-S34B20L Datasheet
388Kb / 1P
   Auxiliary, Backup & Specialist Batteries
logo
Weidmuller
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Bothhand USA, LP.
LG2P109NM-LF BOTHHAND-LG2P109NM-LF Datasheet
266Kb / 2P
   Magnetic designs to support every PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com