Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4-141-8 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # 4-141-8
Description  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-141-8 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button 4-141-8 Datasheet HTML 21Page - List of Unclassifed Manufacturers 4-141-8 Datasheet HTML 22Page - List of Unclassifed Manufacturers 4-141-8 Datasheet HTML 23Page - List of Unclassifed Manufacturers 4-141-8 Datasheet HTML 24Page - List of Unclassifed Manufacturers 4-141-8 Datasheet HTML 25Page - List of Unclassifed Manufacturers 4-141-8 Datasheet HTML 26Page - List of Unclassifed Manufacturers 4-141-8 Datasheet HTML 27Page - List of Unclassifed Manufacturers 4-141-8 Datasheet HTML 28Page - List of Unclassifed Manufacturers 4-141-8 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
25
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
edding 365
Boardmarker with chisel tip,
low-odour pigment ink. Cap can be left off
for a short time without tip drying out.
Colours: 001–004, refillable.
Order no.
Box of 10 in each colour.
4-365xxx*
365/4 S Wallet of 4 markers.
Order no.
Colours: 001–004.
4-365-4
365 N Spare tips.
Order no.
Box of 10.
4-365N
~2–7 mm
004
003
002
001
edding 725
Neon boardmarker with chisel tip,
pigment ink with neutral smell.
Also suitable for writing on darker
coloured boards. The colour intensity
of these markers can be enhanced by
shining a light onto your whiteboard.
Neon colours: 049, 063–065, 069.
Order no.
Box of 10 in each colour.
4-725xxx*
725/5 S Wallet with 5 markers.
Order no.
Colours: 049, 063–065, 069.
4-725-5
~2–5 mm
069
065
064
063
049
Refill ink for edding board markers
edding BT 30
Low-odour pigment ink in a bottle with
pouring device. For refilling the board markers
edding comfort 2, 250, 361, 365.
Contents 30 ml.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-BT30xxx*
edding BTK 25
Low-odour pigment ink in a bottle with
capillary system. For refilling the board markers
edding comfort 2, 250, 360, 361, 363.
Simply insert the tip of the marker into
the refill bottle and after a few minutes
it is ready to use.
Contents 25 ml.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-BTK25xxx*
edding RBTK 25
Low-odour pigment ink in a bottle with
capillary system. For refilling the board markers
edding retract 12.
Simply insert the extended tip of the marker
into the refill bottle and after a short time
your marker is ready to use.
Contents 25 ml.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-RBTK25xxx
004
003
002
001
004
003
002
001
004
003
002
001


Similar Part No. - 4-141-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4-141-34W ETC2-4-141-34W Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
4-141-W ETC2-4-141-W Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
4-141-Y ETC2-4-141-Y Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
More results

Similar Description - 4-141-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
GS Yuasa Battery Sales ...
HJ-S34B20L-A GSYUASABATTERY-HJ-S34B20L-A Datasheet
289Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-A24L GSYUASABATTERY-HJ-A24L Datasheet
464Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20L GSYUASABATTERY-HJ-S34B20L Datasheet
388Kb / 1P
   Auxiliary, Backup & Specialist Batteries
logo
Weidmuller
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Bothhand USA, LP.
LG2P109NM-LF BOTHHAND-LG2P109NM-LF Datasheet
266Kb / 2P
   Magnetic designs to support every PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com