Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-2530-320E Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2530-320E
Description  Dual Channel, High Speed Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2530-320E Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-2530-320E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-2530-320E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-2530-320E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-2530-320E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2530-320E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2530-320E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2530-320E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2530-320E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2530-320E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Description
These dual channel optocouplers contain a pair of light
emitting diodes and integrated photo-detectors with
electrical insulation between input and output. Separate
connection for the photodiode bias and output transis-
tor collectors increase the speed up to a hundred times
that of a conventional phototransistor coupler by
reducing the base-collector capacitance.
These dual channel optocouplers are available in an 8
Pin DIP and in an industry standard SO-8 package. The
following is a cross reference table listing the 8 Pin DIP
part number and the electrically equivalent SO-8 part
number.
8 Pin DIP
SO-8
Package
HCPL-2530
HCPL-0530
HCPL-2531
HCPL-0531
HCPL-4534
HCPL-0534
Functional Diagram
HCPL-2530, HCPL-2531, HCPL-4534
HCPL-0530, HCPL-0531, HCPL-0534
Dual Channel, High Speed Optocouplers
Data Sheet
Features
x 15 kV/Ps minimum common mode transient
immunity at VCM = 1500 V (HCPL-4534/0534)
x TTL compatible
x Available in 8 pin DIP, SO-8, and 8 pin DIP – gull wing
surface mount (option 020) packages
x High density packaging
x 3 MHz bandwidth
x Open collector outputs
x Safety approval
UL Recognized – 3750 V rms for 1 minute (5000 V rms
for 1 minute for Option 020) per UL1577
CSA Approved
IEC/EN/DIN EN 60747-5-2
– VIORM = 630 Vpeak for HCPL-2530/2531/4534
0ption 060
– VIORM = 560 Vpeak for HCPL-0530/0531/0534
0ption 060
x Single channel version available (4502/3, 0452/3)
x MIL-PRF-38534 hermetic version available
(55XX/65XX/4N55)
Applications
x Line receivers – high common mode transient immu-
nity (>1000 V/
Ps) and low input-output capacitance
(0.6 pF)
x High speed logic ground isolation –TTL/TTL,TTL/LTTL,
TTL/CMOS, TTL/LSTTL
x Replace pulse transformers – save board space and
weight
x Analog signal ground isolation – integrated photon
detector provides improved linearity over phototran-
sistor type
x Polarity sensing
x Isolated analog amplifier – dual channel packaging
enhances thermal tracking
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
A 0.1
PF bypass capacitor between
pins 5 and 8 is recommended.
7
1
2
3
4
5
6
8
ANODE 1
CATHODE 1
CATHODE 2
ANODE 2
VCC
VO1
VO2
GND
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
VO
LOW
HIGH
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product


Similar Part No. - HCPL-2530-320E

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HCPL-2530 QT-HCPL-2530 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL-2530 FAIRCHILD-HCPL-2530 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-2530 HP-HCPL-2530 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
Fairchild Semiconductor
HCPL-2530 FAIRCHILD-HCPL-2530 Datasheet
577Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL-2530 FAIRCHILD-HCPL-2530 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results

Similar Description - HCPL-2530-320E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL2530 HP-HCPL2530 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2530 AVAGO-HCPL-2530 Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers High density packaging
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com