Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9249BBCZ-65 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9249BBCZ-65
Description  16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9249BBCZ-65 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9249BBCZ-65 Datasheet HTML 5Page - Analog Devices AD9249BBCZ-65 Datasheet HTML 6Page - Analog Devices AD9249BBCZ-65 Datasheet HTML 7Page - Analog Devices AD9249BBCZ-65 Datasheet HTML 8Page - Analog Devices AD9249BBCZ-65 Datasheet HTML 9Page - Analog Devices AD9249BBCZ-65 Datasheet HTML 10Page - Analog Devices AD9249BBCZ-65 Datasheet HTML 11Page - Analog Devices AD9249BBCZ-65 Datasheet HTML 12Page - Analog Devices AD9249BBCZ-65 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Data Sheet
AD9249
Rev. 0 | Page 9 of 36
TIMING SPECIFICATIONS
Table 5.
Parameter
Description
Limit
Unit
SYNC TIMING REQUIREMENTS
tSSYNC
SYNC to rising edge of CLK+ setup time
0.24
ns typ
tHSYNC
SYNC to rising edge of CLK+ hold time
0.40
ns typ
SPI TIMING REQUIREMENTS
See Figure 50
tDS
Setup time between the data and the rising edge of SCLK
2
ns min
tDH
Hold time between the data and the rising edge of SCLK
2
ns min
tCLK
Period of the SCLK
40
ns min
tS
Setup time between CSB1/CSB2 and SCLK
2
ns min
tH
Hold time between CSB1/CSB2 and SCLK
2
ns min
tHIGH
SCLK pulse width high
10
ns min
tLOW
SCLK pulse width low
10
ns min
tEN_SDIO
Time required for the SDIO pin to switch from an input to an output
relative to the SCLK falling edge (not shown in Figure 50)
10
ns min
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an input
relative to the SCLK rising edge (not shown in Figure 50)
10
ns min
SYNC Timing Diagram
Figure 5. SYNC Input Timing Requirements
SYNC
CLK+
tHSYNC
tSSYNC


Similar Part No. - AD9249BBCZ-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9249BBCZ-65 AD-AD9249BBCZ-65 Datasheet
1Mb / 37P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
More results

Similar Description - AD9249BBCZ-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9249 AD-AD9249_17 Datasheet
1Mb / 37P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
AD9212 AD-AD9212_15 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9212 AD-AD9212_11 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9219ABCPZ-40 AD-AD9219ABCPZ-40 Datasheet
2Mb / 56P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9633 AD-AD9633_17 Datasheet
1Mb / 42P
   125 MSPS, Serial LVDS 1.8 V ADC
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com