Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3479 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC3479
Description  Stepper Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3479 Datasheet(HTML) 3 Page - ON Semiconductor

  MC3479 Datasheet HTML 1Page - ON Semiconductor MC3479 Datasheet HTML 2Page - ON Semiconductor MC3479 Datasheet HTML 3Page - ON Semiconductor MC3479 Datasheet HTML 4Page - ON Semiconductor MC3479 Datasheet HTML 5Page - ON Semiconductor MC3479 Datasheet HTML 6Page - ON Semiconductor MC3479 Datasheet HTML 7Page - ON Semiconductor MC3479 Datasheet HTML 8Page - ON Semiconductor MC3479 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MC3479
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS (Specifications apply over the recommended supply voltage and temperature range,
(Notes 2, 3) unless otherwise noted.)
Characteristic
Unit
Max
Typ
Min
Symbol
Pins
PHASE A OUTPUT
Output Low Voltage
(IOA = 8.0 mA)
11
VOLA
0.4
Vdc
Off State Leakage Current
(VOHA = 16.5 V)
IOHA
100
mA
POWER SUPPLY
Power Supply Current
(IOD = 0 mA, IBS = − 300 mA)
(L1 = VOHD, L2 = VOLD, L3 = VOHD, L4 = VOLD)
(L1 = VOHD, L2 = VOLD, L3 = Hi Z, L4 = Hi Z)
(L1 = VOHD, L2 = VOLD, L3 = VOHD, L4 = VOHD)
16
IMW
IMZ
IMN
70
40
75
mA
BIAS/SET CURRENT
To Set Phase A
6
IBS
− 5.0
mA
2. Algebraic convention rather than absolute values is used to designate limit values.
3. Current into a pin is designated as positive. Current out of a pin is designated as negative.
4. DVOD = ⎥VOD1,2 − VOD3,4⎥ where:VOD1,2 = (VOHD1 − VOLD2) or (VOHD2 − VOLD1), and VOD3,4 = (VOHD3 − VOLD4) or (VOHD4 − VOLD3).
PACKAGE THERMAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Thermal Resistance, Junction−to−Ambient (No Heatsink)
RqJA
45
°C/W
AC SWITCHING CHARACTERISTICS (TA = + 25°C, VM = 12 V) (See Figures 2, 3, 4) (Notes 5, 6)
Characteristic
Pins
Symbol
Min
Typ
Max
Unit
Clock Frequency
7
fCK
0
50
kHz
Clock Pulse Width (High)
7
PWCKH
10
ms
Clock Pulse Width (Low)
7
PWCKL
10
ms
Bias/Set Pulse Width
6
PWBS
10
ms
Setup Time (CW/CCW and F/HS)
10−7
9−7
tsu
5.0
ms
Hold Time (CW/CCW and F/HS)
10−7
9−7
th
10
ms
Propagation Delay (Clk−to−Driver Output)
tPCD
8.0
ms
Propagation Delay (Bias/Set−to−Driver Output)
tPBSD
1.0
ms
Propagation Delay (Clk−to−Phase A Low)
7−11
tPHLA
12
ms
Propagation Delay (Clk−to−Phase A High)
7−11
tPLHA
5.0
ms
5. Algebraic convention rather than absolute values is used to designate limit values.
6. Current into a pin is designated as positive. Current out of a pin is designated as negative.


Similar Part No. - MC3479

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3479 ONSEMI-MC3479 Datasheet
110Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
logo
MEMSIC Semiconductor (T...
MC3479 MEMSIC-MC3479 Datasheet
1Mb / 82P
   3-Axis Accelerometer
APS-048-0072v1.2.1
logo
ON Semiconductor
MC3479P ONSEMI-MC3479P Datasheet
110Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
MC3479PG ONSEMI-MC3479PG Datasheet
110Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
More results

Similar Description - MC3479

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
   Stepper motor driver
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
   STEPPER MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
   STEPPER MOTOR DRIVER
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
   STEPPER MOTOR DRIVER
logo
STMicroelectronics
TEA3717 STMICROELECTRONICS-TEA3717 Datasheet
137Kb / 8P
   STEPPER MOTOR DRIVER
April 1993
TEA3718 STMICROELECTRONICS-TEA3718 Datasheet
288Kb / 16P
   STEPPER MOTOR DRIVER
December 1991
logo
Sanken electric
SLA4708M SANKEN-SLA4708M Datasheet
25Kb / 2P
   Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com