Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3479PG Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC3479PG
Description  Stepper Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3479PG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC3479PG Datasheet HTML 2Page - ON Semiconductor MC3479PG Datasheet HTML 3Page - ON Semiconductor MC3479PG Datasheet HTML 4Page - ON Semiconductor MC3479PG Datasheet HTML 5Page - ON Semiconductor MC3479PG Datasheet HTML 6Page - ON Semiconductor MC3479PG Datasheet HTML 7Page - ON Semiconductor MC3479PG Datasheet HTML 8Page - ON Semiconductor MC3479PG Datasheet HTML 9Page - ON Semiconductor MC3479PG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MC3479
http://onsemi.com
8
Figure 8. Power Supply Current
50
IBS (mA)
IOD = 0
10
20
0
60
50
40
30
70
150
200
250
300
350
100
Figure 9. Maximum Saturation Voltage −
Driver Output Low
IOD (mA)
0
100
200
300
0.8
0.6
0.4
0.2
0
For example, assume an application where VM = 12 V, the
motor requires 200 mA/coil, operating at room temperature
with no heatsink on the IC. From Figure 11, IBS is
determined to be 95
mA.
RB is calculated:
RB = (12 − 0.7) V/95 mA
RB = 118.9 kW
From Figure 8, IM (max) is determined to be 22 mA. From
Figure 9, VOLD is 0.46 V, and from Figure 10, (VM − VOHD)
is 1.4 volts.
P = (12
 0.022) + (2  0.2) (1.4 + 0.46)
P = 1.01 W
TJ = (1.01 W  52°C/W) + 25°C
TJ = 77.5°C
This temperature is well below the maximum limit. If the
calculated TJ had been higher than 150°C, a heatsink such
as the Staver Co. V−7 Series, Aavid #5802, or Thermalloy
#6012 could be used to reduce RqJA. In extreme cases,
forced air cooling should be considered.
The above calculation, and RqJA, assumes that a ground
plane is provided under the MC3479 (either or both sides of
the PC board) to aid in the heat dissipation. Single nominal
width traces leading from the four ground pins should be
avoided as this will increase TJ, as well as provide
potentially disruptive ground noise and IR drops when
switching the motor current.
Figure 10. Maximum Saturation Voltage −
Driver Output High
1.5
2.0
IOD (mA)
1.0
0.5
0
0
100
200
300
Figure 11. Bias/Set Current − Output Drive Current
140.00
120.00
100.00
80.00
60.00
40.00
20.00
0.00
0.00
50.00
100.00
150.00
200.00
250.00
300.00
IOD (mA)


Similar Part No. - MC3479PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3479PG ONSEMI-MC3479PG Datasheet
110Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
More results

Similar Description - MC3479PG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
   Stepper motor driver
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
   STEPPER MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
   STEPPER MOTOR DRIVER
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
   STEPPER MOTOR DRIVER
logo
STMicroelectronics
TEA3717 STMICROELECTRONICS-TEA3717 Datasheet
137Kb / 8P
   STEPPER MOTOR DRIVER
April 1993
TEA3718 STMICROELECTRONICS-TEA3718 Datasheet
288Kb / 16P
   STEPPER MOTOR DRIVER
December 1991
logo
Sanken electric
SLA4708M SANKEN-SLA4708M Datasheet
25Kb / 2P
   Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com