Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-2505CZ Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-2505CZ
Description  Fiber Optic Transmitters and Receivers for SERCOS PROFIBUS and INTERBUS-S Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-2505CZ Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-2505CZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-2505CZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-2505CZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-2505CZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-2505CZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-2505CZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-2505CZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-2505CZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-2505CZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Electrical/Optical Characteristics
0
°C to +70° C, 4.75 V < VCC < 5.25 V, VP–P Noise ≤ 100 mV unless otherwise noted
Parameter
Symbol
Min.
Typ.[1]
Max.
Unit
Condition
Ref.
Peak Input Power Level
PRH
–42
dBm
1 mm POF
Notes 3, 5
Logic HIGH
–44
200
µm HCS®
Peak Input Power Level
PRL
–20
–0
dBm
1 mm POF,
Note 3
Logic LOW
–22
–2
200
µm HCS®
Figs. 7, 8,
|PWD| < 30 ns
9, 10
Supply Current
ICC
27
45
mA
VO = Open
High Level Output
VOH
4.2
4.7
V
IO = –40 µA
Voltage
Low Level Output Voltage
VOH
0.22
0.4
V
IO = +1.6 mA
Output Rise Time
tr
12
30
ns
CL = 10 pF
Note 3
Output Fall Time
tf
10
30
ns
CL = 10 pF
Note 3
Notes:
1. Typical data are at 25˚C, VCC = 5.0 V.
2. 1.6 mm below seating plane.
3. In recommended receiver circuit, with an optical signal from the recommended transmitter circuit.
4. Pins 1 and 4 are electrically connected to the conductive housing and are also used for mounting and retaining purposes. It is required that
pin 1 and 4 be connected to ground to maintain conductive housing shield effectiveness.
5. BER
≤10E-9, includes a 10.8 dB margin below the receiver switching threshold level (signal to noise ratio = 12).
5
6
7
8
4
1
BOTTOM VIEW,
HFBR 25x5AZ/BZ
SEE NOTE 4
PIN
FUNCTION
1
4
5
6
7
8
CONNECTED TO PIN 4
CONNECTED TO PIN 1
NO CONNECT
VCC
GND
VO
HFBR-25x5AZ/BZ Receivers
The HFBR-25x5AZ/BZ receiver consists of a silicon PIN photodiode and
digitizing IC to produce a logic compatible output. The IC includes a unique
circuit to correct the pulse width distortion of the first bit after a long idle
period. This enables operation from DC to 10 MBd with low PWD for arbitrary
data patterns. The receiver output is a “push–pull” stage compatible with
TTL and CMOS logic. The receiver housing is a dark grey, conductive plastic.
The HFBR-2505AZ is compatible with SMA connectors, while the HFBR-
2515BZ mates with ST® connectors.
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Reference
Storage and Operating Temperature
TS
–40
85
°C
Supply Voltage
VCC
–0.5
+5.5
V
Average Output Current
IO,AVG
–16
+16
mA
Output Power Dissipation
POD
80
mW
Lead Soldering Cycle
Temp
260
˚C
Note 2
Time
10
s


Similar Part No. - HFBR-2505CZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2505CZ AVAGO-HFBR-2505CZ Datasheet
96Kb / 4P
   Change to improved mold compound
More results

Similar Description - HFBR-2505CZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-1505A HP-HFBR-1505A Datasheet
250Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS, PROFIBUS and INTERBUS-S Applications
logo
Broadcom Corporation.
HFBR-0600Z BOARDCOM-HFBR-0600Z Datasheet
764Kb / 9P
   SERCOS Fiber Optic Transmitters and Receivers
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0600Z AVAGO-HFBR-0600Z Datasheet
371Kb / 6P
   SERCOS Fiber Optic Transmitters and Receivers
logo
Agilent(Hewlett-Packard...
HFBR-2506AM HP-HFBR-2506AM Datasheet
188Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2506AMZ AVAGO-HFBR-2506AMZ Datasheet
235Kb / 6P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
HFBR-1506AM AVAGO-HFBR-1506AM Datasheet
170Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
HFBR-0541 AVAGO-HFBR-0541 Datasheet
176Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
HFBR-1505A AVAGO-HFBR-1505A Datasheet
242Kb / 11P
   Fiber Optic Transmitters and Receivers for Fieldbus Applications
logo
Agilent(Hewlett-Packard...
HFBR-0600 HP-HFBR-0600 Datasheet
247Kb / 6P
   SERCOS Fiber Optic Transmitters and Receiver
logo
Broadcom Corporation.
AFBR-1555ARZ BOARDCOM-AFBR-1555ARZ Datasheet
549Kb / 9P
   Reinforced Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com