Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULQ2824A Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ULQ2824A
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ULQ2824A Datasheet(HTML) 5 Page - Allegro MicroSystems

  ULQ2824A Datasheet HTML 1Page - Allegro MicroSystems ULQ2824A Datasheet HTML 2Page - Allegro MicroSystems ULQ2824A Datasheet HTML 3Page - Allegro MicroSystems ULQ2824A Datasheet HTML 4Page - Allegro MicroSystems ULQ2824A Datasheet HTML 5Page - Allegro MicroSystems ULQ2824A Datasheet HTML 6Page - Allegro MicroSystems ULQ2824A Datasheet HTML 7Page - Allegro MicroSystems ULQ2824A Datasheet HTML 8Page - Allegro MicroSystems ULQ2824A Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2803 THRU 2824
HIGH-VOLTAGE,
HIGH-CURRENT
DARLINGTON ARRAYS
www.allegromicro.com
TEST FIGURES
OPEN
OPEN
VCE
ICEX
µA
VIN
OPEN
VCE
ICEX
µA
IB
OPEN
hFE =
VCE
V
IC
IB
IC
VIN
OPEN
mA
OPEN
IIN
OPEN
VCE
IC
µA
IIN
µA
V
OPEN
VCE
V
VIN
IC
OPEN
VR
IR
µA
IF
OPEN
VF
V
50%
50%
50%
50%
t pHL
t pHL
OUTPUT
INPUT
VIN
PULSE
GENERATOR
PRR = 10KHz
DC = 50%
INPUT
93
50 pF
OUT
30
100
+50 V
Dwg. No. A-9732A
Dwg. No. A-9733A
Dwg. No. A-9734A
FIGURE 6
FIGURE 7
FIGURE 8
Dwg. No. A-9735A
Dwg. No. A-9736A
V
in
ULx28x3x
3.5 V
ULx28x4x
12 V
FIGURE 1A
FIGURE 1B
FIGURE 2
FIGURE 3
FIGURE 4
FIGURE 5
Dwg. No. A-9731A
Dwg. No. A-9730A
Dwg. No. A-9729A


Similar Part No. - ULQ2824A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ULQ2801 STMICROELECTRONICS-ULQ2801 Datasheet
228Kb / 13P
   Eight Darlington array
ULQ2801 STMICROELECTRONICS-ULQ2801 Datasheet
228Kb / 13P
   Eight Darlington array
ULQ2801A STMICROELECTRONICS-ULQ2801A Datasheet
140Kb / 8P
   EIGHT DARLINGTON ARRAYS
ULQ2801A STMICROELECTRONICS-ULQ2801A Datasheet
228Kb / 13P
   Eight Darlington array
ULQ2801 STMICROELECTRONICS-ULQ2801_08 Datasheet
228Kb / 13P
   Eight Darlington array
More results

Similar Description - ULQ2824A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
ULN2803 FCI-ULN2803 Datasheet
235Kb / 5P
   High-Voltage,High-Current Darlington Arrays
logo
List of Unclassifed Man...
ULN2001A ETC1-ULN2001A Datasheet
749Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Leshan Radio Company
LR2001A LRC-LR2001A Datasheet
291Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
List of Unclassifed Man...
UNL2803 ETC2-UNL2803 Datasheet
219Kb / 5P
   High-Voltage, High-Current Darlington Arrays
logo
Allegro MicroSystems
A2001 ALLEGRO-A2001 Datasheet
316Kb / 11P
   High Voltage High Current Darlington Arrays
October 28, 2005
logo
Leshan Radio Company
LR2003A LRC-LR2003A Datasheet
289Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
First Components Intern...
ULN2003 FCI-ULN2003 Datasheet
268Kb / 5P
   High-Voltage, High - Current Darlington Arrays
logo
List of Unclassifed Man...
ULN-7000A ETC2-ULN-7000A Datasheet
684Kb / 32P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Leshan Radio Company
LR2002A LRC-LR2002A Datasheet
280Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Allegro MicroSystems
A2803 ALLEGRO-A2803 Datasheet
272Kb / 11P
   High Voltage High Current Darlington Arrays
October 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com