Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1208YRUZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADG1208YRUZ
Description  Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1208YRUZ Datasheet(HTML) 2 Page - Analog Devices

  ADG1208YRUZ Datasheet HTML 1Page - Analog Devices ADG1208YRUZ Datasheet HTML 2Page - Analog Devices ADG1208YRUZ Datasheet HTML 3Page - Analog Devices ADG1208YRUZ Datasheet HTML 4Page - Analog Devices ADG1208YRUZ Datasheet HTML 5Page - Analog Devices ADG1208YRUZ Datasheet HTML 6Page - Analog Devices ADG1208YRUZ Datasheet HTML 7Page - Analog Devices ADG1208YRUZ Datasheet HTML 8Page - Analog Devices ADG1208YRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADG1208/ADG1209
Rev. B | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagrams............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Dual Supply ................................................................................... 3
 
Single Supply ................................................................................. 5
 
Absolute Maximum Ratings ............................................................7
 
ESD Caution...................................................................................7
 
Pin Configurations and Function Descriptions ............................8
 
Typical Performance Characteristics ........................................... 10
 
Terminology .................................................................................... 14
 
Test Circuits..................................................................................... 15
 
Outline Dimensions ....................................................................... 17
 
Ordering Guide .......................................................................... 18
 
REVISION HISTORY
1/09—Rev. A to Rev. B
Change to IDD Parameter, Table 1 ................................................... 4
Change to IDD Parameter, Table 2 ................................................... 6
4/07—Rev. 0 to Rev. A
Added 16-lead SOIC ..........................................................Universal
Changes to Table 1............................................................................ 3
Changes to Table 2............................................................................ 5
Changes to Figure 10 and Figure 11............................................. 10
Updated Outline Dimensions ....................................................... 17
Changes to Ordering Guide .......................................................... 18
4/06—Revision 0: Initial Version


Similar Part No. - ADG1208YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1208YRUZ AD-ADG1208YRUZ Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1208YRUZ-REEL7 AD-ADG1208YRUZ-REEL7 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1208YRUZ-REEL71 AD-ADG1208YRUZ-REEL71 Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1208YRUZ1 AD-ADG1208YRUZ1 Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
More results

Similar Description - ADG1208YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1206 AD-ADG1206 Datasheet
483Kb / 20P
   Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1438 AD-ADG1438 Datasheet
605Kb / 20P
   Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
REV. 0
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1219 AD-ADG1219 Datasheet
308Kb / 17P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com