Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW0805 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CRCW0805
Description  Pulse Proof, High Power Thick Film Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW0805 Datasheet(HTML) 2 Page - Vishay Siliconix

  CRCW0805 Datasheet HTML 1Page - Vishay Siliconix CRCW0805 Datasheet HTML 2Page - Vishay Siliconix CRCW0805 Datasheet HTML 3Page - Vishay Siliconix CRCW0805 Datasheet HTML 4Page - Vishay Siliconix CRCW0805 Datasheet HTML 5Page - Vishay Siliconix CRCW0805 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CRCW....-HP e3
Pulse Proof, High Power Thick Film Chip Resistors
Vishay
Document Number: 20043
For technical questions, contact: thickfilmchip@vishay.com
www.vishay.com
Revision: 07-May-09
2
Notes
(1) Preferred way for ordering products is by use of the PART NUMBER
(2) Please refer to table PACKAGING, see below
PART NUMBER AND PRODUCT DESCRIPTION
PART NUMBER: CRCW0603562RFKEAHP (1)
MODEL/SIZE
VALUE
TOLERANCE
TCR
PACKAGING (2)
SPECIAL
CRCW0402
CRCW0603
CRCW0805
CRCW1206
CRCW2010
CRCW2512
R = Decimal
K = Thousand
M = Million
0000 = Jumper
F = ± 1 %
J = ± 5 %
Z = Jumper
K = ± 100 ppm/K
N = ± 200 ppm/K
0 = Jumper
EA
EB
EC
ED
EE
EI
EL
EF
EG
EH
Up to 2 digits
HP = Pulse proof,
High Power
PRODUCT DESCRIPTION: CRCW0603-HP 100 562R 1 % ET1 e3
CRCW0603-HP
100
562R
1 %
ET1
e3
MODEL
TCR
RESISTANCE VALUE
TOLERANCE
PACKAGING (2)
LEAD (Pb)-FREE
CRCW0402-HP
CRCW0603-HP
CRCW0805-HP
CRCW1206-HP
CRCW2010-HP
CRCW2512-HP
± 100 ppm/K
± 200 ppm/K
10R = 10
Ω
562R = 562
Ω
10K = 10 k
Ω
1M = 1 M
Ω
0R0 = Jumper
± 1 %
± 5 %
ET1
ET5
ET6
ET7
EF4
EG1
E20
E02
E67
E82
e3 = Pure tin
termination
finish
PACKAGING
MODEL
REEL
TAPE
WIDTH
DIAMETER
PITCH
PIECES/
REEL
PACKAGING CODE
PART NUMBER
PRODUCT DESC.
PAPER
BLISTER
PAPER
BLISTER
CRCW0402-HP
8 mm
180 mm/7"
330 mm/13"
2 mm
2 mm
10 000
50 000
ED
EE
ET7
EF4
CRCW0603-HP
8 mm
180 mm/7"
285 mm/11.25"
330 mm/13"
4 mm
4 mm
4 mm
5000
10 000
20 000
EA
EB
EC
EI
EL
ET1
ET5
ET6
EG1
E20
CRCW0805-HP
8 mm
180 mm/7"
285 mm/11.25"
330 mm/13"
4 mm
4 mm
4 mm
5000
10 000
20 000
EA
EB
EC
EI
EL
ET1
ET5
ET6
EG1
E20
CRCW1206-HP
8 mm
180 mm/7"
285 mm/11.25"
330 mm/13"
4 mm
4 mm
4 mm
5000
10 000
20 000
EA
EB
EC
EI
EL
ET1
ET5
ET6
EG1
E20
CRCW2010-HP
12 mm
180 mm/7"
4 mm
4000
EF
E02
CRCW2512-HP
12 mm
180 mm/7"
8 mm
4 mm
2000
4000
EG
EH
E67
E82
C
R
C
W
0
6
0
3
5
6
2
R
F
K
E
A
H
P


Similar Part No. - CRCW0805

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0805 VISHAY-CRCW0805 Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
CRCW0805 VISHAY-CRCW0805 Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW0805 VISHAY-CRCW0805 Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW0805 VISHAY-CRCW0805 Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW0805 VISHAY-CRCW0805 Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
More results

Similar Description - CRCW0805

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW1206510RFKEA VISHAY-CRCW1206510RFKEA Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
CRCW080518R0FKEAHP VISHAY-CRCW080518R0FKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCW-HP-E3 VISHAY-CRCW-HP-E3 Datasheet
152Kb / 10P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 16-Sep-16
CRCW06031K50FKEAHP VISHAY-CRCW06031K50FKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCWHPE3 VISHAY-CRCWHPE3 Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
CRCW0603562RFKEAHP VISHAY-CRCW0603562RFKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCW0603820RFKEAHP VISHAY-CRCW0603820RFKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCW-HPE3 VISHAY-CRCW-HPE3 Datasheet
148Kb / 10P
   Pulse Proof, High Power Thick Film Chip Resistors
01-Jan-2022
CRCW0402220RFKEAHP VISHAY-CRCW0402220RFKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCW12100000Z0EAHP VISHAY-CRCW12100000Z0EAHP Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
CRCW25121R05FKEGHP VISHAY-CRCW25121R05FKEGHP Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com