Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

107-305-04 Datasheet(PDF) 1 Page - Marl International Limited

Part # 107-305-04
Description  pcb led indicators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

107-305-04 Datasheet(HTML) 1 Page - Marl International Limited

  107-305-04 Datasheet HTML 1Page - Marl International Limited 107-305-04 Datasheet HTML 2Page - Marl International Limited 107-305-04 Datasheet HTML 3Page - Marl International Limited 107-305-04 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
features
specifications
to order
Ordering information and typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
107 series
• Ø3.0mm LED
• Material conforms to UL94 V-O flammability ratings
• Colour diffused lens
• Low current verisons available
• Reverse polarity versions available
• Customised lead lengths available
• Typically available ex stock
• Pack Quantity = 100 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
107-305-04
Red
2.0 Vdc
20
20
627
-40 - +85
-40 - +85
A
107-314-04
Green
2.2 Vdc
20
28
565
-40 - +85
-40 - +85
F
107-330-04
Red/Green
2.0/2.2 Vdc
20
20/20
627/565
-40 - +85
-40 - +85
E
107-381-20
Red
5/6 Vdc
13
20@13mA
627
-40 - +70
-40 - +85
-
107-383-20
Green
5/6 Vdc
11.5
20@13mA
565
-40 - +70
-40 - +85
-
^ = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 107 - version 2013-09-24-173129
page 1 of 4


Similar Part No. - 107-305-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
107-305-04 MARL-107-305-04 Datasheet
280Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
107-305-04 MARL-107-305-04 Datasheet
184Kb / 4P
   pcb led indicators
107-305-04-50 MARL-107-305-04-50 Datasheet
280Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
107-305-04-51 MARL-107-305-04-51 Datasheet
280Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
107-305-04-52 MARL-107-305-04-52 Datasheet
280Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
More results

Similar Description - 107-305-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
110-505-04 MARL-110-505-04_13 Datasheet
161Kb / 4P
   pcb led indicators
122-305-04 MARL-122-305-04_13 Datasheet
245Kb / 5P
   pcb led indicators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com