Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66AK2H06AAAWA2 Datasheet(PDF) 4 Page - Texas Instruments

Part # 66AK2H06AAAWA2
Description  Multicore DSPARM KeyStone II System-on-Chip (SoC)
Download  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

66AK2H06AAAWA2 Datasheet(HTML) 4 Page - Texas Instruments

  66AK2H06AAAWA2 Datasheet HTML 1Page - Texas Instruments 66AK2H06AAAWA2 Datasheet HTML 2Page - Texas Instruments 66AK2H06AAAWA2 Datasheet HTML 3Page - Texas Instruments 66AK2H06AAAWA2 Datasheet HTML 4Page - Texas Instruments 66AK2H06AAAWA2 Datasheet HTML 5Page - Texas Instruments 66AK2H06AAAWA2 Datasheet HTML 6Page - Texas Instruments 66AK2H06AAAWA2 Datasheet HTML 7Page - Texas Instruments 66AK2H06AAAWA2 Datasheet HTML 8Page - Texas Instruments 66AK2H06AAAWA2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 351 page
background image
4
66AK2H14/12/06 Features and Description
Copyright 2013 Texas Instruments Incorporated
SPRS866E—November 2013
Multicore DSP+ARM KeyStone II System-on-Chip (SoC)
66AK2H14/12/06
Submit Documentation Feedback
1.6 Functional Block Diagram
The following figures show the functional block diagrams of the devices.
Figure 1-1
Functional Block Diagram for 66AK2H14
MSMC
6MB
MSM
SRAM
72-Bit
DDR3 EMIF
Memory Subsystem
Packet
DMA
Multicore Navigator
Queue
Manager
5
´
Debug & Trace
PLL
5
´
Semaphore
2
´ HyperLink
TeraNet
8 C66x DSP Cores @ up to 1.2 GHz
4 ARM Cores @ up to 1.4 GHz
72-Bit
DDR3 EMIF
EDMA
8
´
Boot ROM
Power
Management
ARM
A15
4MB L2 Cache
32KB L1
P-Cache
32KB L1
D-Cache
32KB L1
P-Cache
32KB L1
D-Cache
ARM
A15
32KB L1
P-Cache
32KB L1
D-Cache
ARM
A15
32KB L1
P-Cache
32KB L1
D-Cache
ARM
A15
66AK2H14
Network
Coprocessor
5-Port
Ethernet
Switch
Packet
Accelerator
Security
Accelerator
3-Port
Ethernet
Switch
C66x™
CorePac
1024KB L2 Cache
32KB L1
P-Cache
32KB L1
D-Cache
C66x™
CorePac
1024KB L2 Cache
32KB L1
P-Cache
32KB L1
D-Cache
C66x™
CorePac
1024KB L2 Cache
32KB L1
P-Cache
32KB L1
D-Cache
C66x™
CorePac
1024KB L2 Cache
32KB L1
P-Cache
32KB L1
D-Cache
C66x™
CorePac
1024KB L2 Cache
32KB L1
P-Cache
32KB L1
D-Cache
C66x™
CorePac
1024KB L2 Cache
32KB L1
P-Cache
32KB L1
D-Cache
C66x™
CorePac
1024KB L2 Cache
32KB L1
P-Cache
32KB L1
D-Cache
C66x™
CorePac
1024KB L2 Cache
32KB L1
P-Cache
32KB L1
D-Cache


Similar Part No. - 66AK2H06AAAWA2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
66AK2H06AAAWA2 TI1-66AK2H06AAAWA2 Datasheet
8Mb / 354P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H06AAAWA24 TI1-66AK2H06AAAWA24 Datasheet
8Mb / 354P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results

Similar Description - 66AK2H06AAAWA2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
66AK2G12_1806 TI1-66AK2G12_1806 Datasheet
2Mb / 233P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_17 Datasheet
8Mb / 355P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_18 Datasheet
2Mb / 329P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_16 Datasheet
8Mb / 354P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_18 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G02 TI1-66AK2G02_16 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_19 Datasheet
2Mb / 232P
[Old version datasheet]   Multicore DSPArm KeyStone II System-on-Chip (SoC)
TCI6636K2H TI1-TCI6636K2H Datasheet
7Mb / 362P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12 Datasheet
2Mb / 231P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2E05 TI1-66AK2E05_16 Datasheet
1Mb / 282P
[Old version datasheet]   66AK2E0x Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com