Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24297 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24297
Description  I2C Controlled 3A Single Cell USB Charger With Narrow VDC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24297 Datasheet(HTML) 29 Page - Texas Instruments

Back Button BQ24297 Datasheet HTML 25Page - Texas Instruments BQ24297 Datasheet HTML 26Page - Texas Instruments BQ24297 Datasheet HTML 27Page - Texas Instruments BQ24297 Datasheet HTML 28Page - Texas Instruments BQ24297 Datasheet HTML 29Page - Texas Instruments BQ24297 Datasheet HTML 30Page - Texas Instruments BQ24297 Datasheet HTML 31Page - Texas Instruments BQ24297 Datasheet HTML 32Page - Texas Instruments BQ24297 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
REGN
TS
RT2
RT1
RTH
103AT
bq24296
bq24297
Regulation Voltage
(3.5V – 4.4V)
Fast Charge Current
(500mA-3008mA)
VBAT_LOWV (2.8V/3V)
VBAT_SHORT (2V)
IPRECHARGE (128mA-2048mA)
ITERMINATION (128mA-2048mA)
IBATSHORT (100mA)
Battery Voltage
Charge Current
Trickle Charge
Pre-charge
Fast Charge and Voltage Regulation
Safety Timer
Expiration
bq24296
bq24297
www.ti.com
SLUSBP6A – SEPTEMBER 2013 – REVISED OCTOBER 2013
If the charger device is in DPM regulation or thermal regulation during charging, the actual charging current will
be less than the programmed value. In this case, termination is temporarily disabled and the charging safety
timer is counted at half the clock rate.
Figure 29. Battery Charging Profile
Thermistor Qualification
The charger device provides a single thermistor input for battery temperature monitor.
Cold/Hot Temperature Window
The device continuously monitors battery temperature by measuring the voltage between the TS pin and ground,
typically determined by a negative temperature coefficient thermistor and an external voltage divider. The device
compares this voltage against its internal thresholds to determine if charge or boost is allowed.
To initiate a charge cycle, the battery temperature must be within the VLTF to VHTF thresholds. During the charge
cycle the battery temperature must be within the VLTF to VTCO thresholds, else the device suspends charging and
waits until the battery temperature is within the VLTF to VHTF range.
For battery protection during boost mode, the device monitors the battery temperature to be within the VBCOLDx
to VBHOTx thresholds unless boost mode temperature is disabled by setting BHOT bits (REG06[3:2]) to 11.
When temperature is outside of the temperature thresholds, the boost mode is suspended and REG08[7:6] bits
(VBUS_STAT) are set to 00. Once temperature returns within thresholds, the boost mode is recovered.
Figure 30. TS Resistor Network
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: bq24296 bq24297


Similar Part No. - BQ24297

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24297RGER TI1-BQ24297RGER Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24297RGER TI1-BQ24297RGER Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24297RGET TI1-BQ24297RGET Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24297RGET TI1-BQ24297RGET Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
More results

Similar Description - BQ24297

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
   I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24296M TI-BQ24296M_15 Datasheet
1Mb / 51P
[Old version datasheet]   bq24296M I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24298 TI-BQ24298_15 Datasheet
1Mb / 51P
[Old version datasheet]   bq24298 I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24295RGER TI-BQ24295RGER Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC 4.5-5.5V Adjustable Voltage at 1.5A Synchronous Boost Operation
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com